Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416RD4C Datasheet(PDF) 11 Page - Samsung semiconductor

Part # KM416RD4C
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD4C Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button KM416RD4C Datasheet HTML 7Page - Samsung semiconductor KM416RD4C Datasheet HTML 8Page - Samsung semiconductor KM416RD4C Datasheet HTML 9Page - Samsung semiconductor KM416RD4C Datasheet HTML 10Page - Samsung semiconductor KM416RD4C Datasheet HTML 11Page - Samsung semiconductor KM416RD4C Datasheet HTML 12Page - Samsung semiconductor KM416RD4C Datasheet HTML 13Page - Samsung semiconductor KM416RD4C Datasheet HTML 14Page - Samsung semiconductor KM416RD4C Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Page 8
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM
Rev. 1.01 Oct. 1999
Field Encoding Summary
Table 6 shows how the six device address bits are decoded
for the ROWA and ROWR packets. The DR4T and DR4F
encoding merges a fifth device bit with a framing bit. When
neither bit is asserted, the device is not selected. Note that a
broadcast operation is indicated when both bits are set.
Broadcast operation would typically be used for refresh and
power management commands. If the device is selected, the
DM (DeviceMatch) signal is asserted and an ACT or ROP
command is performed.
Table 7 shows the encodings of the remaining fields of the
ROWA and ROWR packets. An ROWA packet is specified
by asserting the AV bit. This causes the specified row of the
specified bank of this device to be loaded into the associated
sense amps.
An ROWR packet is specified when AV is not asserted. An
11 bit opcode field encodes a command for one of the banks
of this device. The PRER command causes a bank and its
two associated sense amps to precharge, so another row or
an adjacent bank may be activated. The REFA (refresh-acti-
vate) command is similar to the ACT command, except the
row address comes from an internal register REFR, and
REFR is incremented at the largest bank address. The REFP
(refresh-precharge) command is identical to a PRER
command.
The NAPR, NAPRC, PDNR, ATTN, and RLXR commands
are used for managing the power dissipation of the RDRAM
and are described in more detail in Power state manage-
ment on page 38. The TCEN and TCAL commands are
used to adjust the output driver slew rate and they are
described in more detail in Current and Temperature
Controlon page 43.
Table 6: Device Field Encodings for ROWA Packet and ROWR Packet
DR4T
DR4F
Device Selection
Device Match signal (DM)
1
1
All devices (broadcast)
DM is set to 1
0
1
One device selected
DM is set to 1 if {DEVID4..DEVID0} == {0,DR3..DR0} else DM is set to 0
1
0
One device selected
DM is set to 1 if {DEVID4..DEVID0} == {1,DR3..DR0} else DM is set to 0
0
0
No packet present
DM is set to 0
Table 7: ROWA Packet and ROWR Packet Field Encodings
DMa
AV
ROP10..ROP0 Field
Name
Command Description
10
9
8
7
6
5
4
3
2:0
0
-
-
-
-
-
-
-
-
-
---
-
No operation.
1
1
Row address
ACT
Activate row R8..R0 of bank BR4..BR0 of device and move device to ATTNb.
1
0
1
1
0
0
0
xc
x
x
000
PRER
Precharge bank BR4..BR0 of this device.
1
0
0
0
0
1
1
0
0
x
000
REFA
Refresh (activate) row REFR8..REFR0 of bank BR4..BR0 of device.
Increment REFR if BR4..BR0 = 1111 (see Figure 50).
1
0
1
0
1
0
1
0
0
x
000
REFP
Precharge bank BR4..BR0 of this device after REFA (see Figure 50).
1
0
x
x
0
0
0
0
1
x
000
PDNR
Move this device into the powerdown (PDN) power state (see Figure 47).
1
0
x
x
0
0
0
1
0
x
000
NAPR
Move this device into the nap (NAP) power state (see Figure 47).
1
0
x
x
0
0
0
1
1
x
000
NAPRC
Move this device into the nap (NAP) power state conditionally
1
0
x
x
x
x
x
x
x
0
000
ATTNb
Move this device into the attention (ATTN) power state (see Figure 45).
1
0
x
x
x
x
x
x
x
1
000
RLXR
Move this device into the standby (STBY) power state (see Figure 46).
1
0
0
0
0
0
0
0
0
x
001
TCAL
Temperature calibrate this device (see Figure 52).
1
0
0
0
0
0
0
0
0
x
010
TCEN
Temperature calibrate/enable this device (see Figure 52).
1
0
0
0
0
0
0
0
0
0
000
NOROP
No operation.
a. The DM (Device Match signal) value is determined by the DR4T,DR4F, DR3..DR0 field of the ROWA and ROWR packets. See Table 6.
b. The ATTN command does not cause a RLX-to-ATTN transition for a broadcast operation (DR4T/DR4F=1/1).
c. An “x“ entry indicates which commands may be combined. For instance, the three commands PRER/NAPRC/RLXR may be specified in one ROP value (011000111000).


Similar Part No. - KM416RD4C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
KM416RD8AS-RBM80 SAMSUNG-KM416RD8AS-RBM80 Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
KM416RD8AS-SCM80 SAMSUNG-KM416RD8AS-SCM80 Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
More results

Similar Description - KM416RD4C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
   256K x 16/18 bit x 32s banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com