Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416V4104C Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KM416V4104C
Description  4M x 16bit CMOS Dynamic RAM with Extended Data Out
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416V4104C Datasheet(HTML) 1 Page - Samsung semiconductor

  KM416V4104C Datasheet HTML 1Page - Samsung semiconductor KM416V4104C Datasheet HTML 2Page - Samsung semiconductor KM416V4104C Datasheet HTML 3Page - Samsung semiconductor KM416V4104C Datasheet HTML 4Page - Samsung semiconductor KM416V4104C Datasheet HTML 5Page - Samsung semiconductor KM416V4104C Datasheet HTML 6Page - Samsung semiconductor KM416V4104C Datasheet HTML 7Page - Samsung semiconductor KM416V4104C Datasheet HTML 8Page - Samsung semiconductor KM416V4104C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
KM416V4004C,KM416V4104C
CMOS DRAM
This is a family of 4,194,304 x 16 bit Extended Data Out Mode CMOS DRAMs. Extended Data Out Mode offers high speed random
access of memory cells within the same row. Refresh cycle(4K Ref. or 8K Ref.), access time (-45, -5 or -6), power consumption(Normal
or Low power) are optional features of this family. All of this family have CAS-before-RAS refresh, RAS-only refresh and Hidden refresh
capabilities. Furthermore, Self-refresh operation is available in L-version. This 4Mx16 EDO Mode DRAM family is fabricated using Sam-
sung
′s advanced CMOS process to realize high band-width, low power consumption and high reliability.
• Part Identification
- KM416V4004C/C-L(3.3V, 8K Ref.)
- KM416V4104C/C-L(3.3V, 4K Ref.)
• Extended Data Out Mode operation
• 2 CAS Byte/Word Read/Write operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• Fast parallel test mode capability
• Self-refresh capability (L-ver only)
• LVTTL(3.3V) compatible inputs and outputs
• Early Write or output enable controlled write
• JEDEC Standard pinout
• Available in Plastic TSOP(II) packages
• +3.3V
±0.3V power supply
Control
Clocks
Lower
Data out
Buffer
RAS
UCAS
LCAS
W
Vcc
Vss
DQ0
to
DQ7
A0~A12
(A0~A11)*1
A0~A8
(A0~A9)*1
Memory Array
4,194,304 x 16
Cells
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.
4M x 16bit CMOS Dynamic RAM with Extended Data Out
DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
Note) *1 : 4K Refresh
• Refresh Cycles
Part
NO.
Refresh
cycle
Refresh time
Normal
L-ver
KM416V4004C*
8K
64ms
128ms
KM416V4104C
4K
Unit : mW
Upper
Data in
Buffer
Upper
Data out
Buffer
Lower
Data in
Buffer
DQ8
to
DQ15
OE
* Access mode & RAS only refresh mode
: 8K cycle/64ms(Normal), 8K cycle/128ms(L-ver.)
CAS-before-RAS & Hidden refresh mode
: 4K cycle/64ms(Normal), 4K cycle/128ms(L-ver.)
• Active Power Dissipation
Speed
8K
4K
-45
324
468
-5
288
432
-6
252
396
• Performance Range
Speed
tRAC
tCAC
tRC
tHPC
-45
45ns
12ns
74ns
17ns
-5
50ns
15ns
84ns
20ns
-6
60ns
17ns
104ns
25ns
Row Decoder
Column Decoder
VBB Generator
Refresh Timer
Refresh Control
Refresh Counter
Row Address Buffer
Col. Address Buffer


Similar Part No. - KM416V4104C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4104B SAMSUNG-KM416V4104B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results

Similar Description - KM416V4104C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C1004C SAMSUNG-KM416C1004C Datasheet
804Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com