Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416V1004C-L5 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KM416V1004C-L5
Description  1M x 16Bit CMOS Dynamic RAM with Extended Data Out
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416V1004C-L5 Datasheet(HTML) 5 Page - Samsung semiconductor

  KM416V1004C-L5 Datasheet HTML 1Page - Samsung semiconductor KM416V1004C-L5 Datasheet HTML 2Page - Samsung semiconductor KM416V1004C-L5 Datasheet HTML 3Page - Samsung semiconductor KM416V1004C-L5 Datasheet HTML 4Page - Samsung semiconductor KM416V1004C-L5 Datasheet HTML 5Page - Samsung semiconductor KM416V1004C-L5 Datasheet HTML 6Page - Samsung semiconductor KM416V1004C-L5 Datasheet HTML 7Page - Samsung semiconductor KM416V1004C-L5 Datasheet HTML 8Page - Samsung semiconductor KM416V1004C-L5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
KM416C1004C, KM416C1204C
CMOS DRAM
KM416V1004C, KM416V1204C
CAPACITANCE (TA=25
°C, VCC=5V or 3.3V, f=1MHz)
Parameter
Symbol
Min
Max
Units
Input capacitance [A0 ~ A11]
CIN1
-
5
pF
Input capacitance [RAS, UCAS, LCAS, W, OE]
CIN2
-
7
pF
Output capacitance [DQ0 - DQ15]
CDQ
-
7
pF
Test condition (5V device) : VCC=5.0V
±10%, Vih/Vil=2.4/0.8V, Voh/Vol=2.0/0.8V
Parameter
Symbol
-45
-5
-6
Units
Notes
Min
Max
Min
Max
Min
Max
Random read or write cycle time
tRC
79
84
104
ns
Read-modify-write cycle time
tRWC
105
115
140
ns
Access time from RAS
tRAC
45
50
60
ns
3,4,10
Access time from CAS
tCAC
14
15
17
ns
3,4,5
Access time from column address
tAA
23
25
30
ns
3,10
CAS to output in Low-Z
tCLZ
3
3
3
ns
3
Output buffer turn-off delay from CAS
tCEZ
3
13
3
13
3
15
ns
6,19
OE to output in Low-Z
tOLZ
3
3
3
ns
3
Transition time (rise and fall)
tT
2
50
2
50
2
50
ns
2
RAS precharge time
tRP
30
30
40
ns
RAS pulse width
tRAS
45
10K
50
10K
60
10K
ns
RAS hold time
tRSH
13
13
17
ns
CAS hold time
tCSH
36
40
50
ns
CAS pulse width
tCAS
7
10K
8
10K
10
10K
ns
18
RAS to CAS delay time
tRCD
19
31
20
35
20
43
ns
4
RAS to column address delay time
tRAD
14
22
15
25
15
30
ns
10
CAS to RAS precharge time
tCRP
5
5
5
ns
Row address set-up time
tASR
0
0
0
ns
Row address hold time
tRAH
9
10
10
ns
Column address set-up time
tASC
0
0
0
ns
11
Column address hold time
tCAH
7
8
10
ns
11
Column address to RAS lead time
tRAL
23
25
30
ns
Read command set-up time
tRCS
0
0
0
ns
Read command hold time referenced to CAS
tRCH
0
0
0
ns
8
Read command hold time referenced to RAS
tRRH
0
0
0
ns
8
Write command hold time
tWCH
8
10
10
ns
Write command pulse width
tWP
8
10
10
ns
Write command to RAS lead time
tRWL
10
13
15
ns
Write command to CAS lead time
tCWL
7
8
10
ns
14
AC CHARACTERISTICS (0
°C≤TA≤70°C, See note 1,2)
Test condition (3.3V device) : VCC=3.3V
±0.3V, Vih/Vil=2.2/0.7V, Voh/Vol=2.0/0.8V


Similar Part No. - KM416V1004C-L5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V1004A SAMSUNG-KM416V1004A Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
KM416V1004A-6 SAMSUNG-KM416V1004A-6 Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
KM416V1004A-7 SAMSUNG-KM416V1004A-7 Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
KM416V1004A-8 SAMSUNG-KM416V1004A-8 Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
KM416V1004A-F6 SAMSUNG-KM416V1004A-F6 Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
More results

Similar Description - KM416V1004C-L5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1004A SAMSUNG-KM416V1004A Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com