Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0458440004 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0458440004
Description  2.50mm (.098") Pitch EXTreme PowerEdge?? Signal Connector, Double Sided, 2 Segments (8 Signal Contacts Per Segment), Through Hole Solder for 1.57mm (.062") Thick PC Board
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0458440004 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0458440004 Datasheet HTML 1Page - Molex Electronics Ltd. 0458440004 Datasheet HTML 2Page - Molex Electronics Ltd. 0458440004 Datasheet HTML 3Page - Molex Electronics Ltd. 0458440004 Datasheet HTML 4Page - Molex Electronics Ltd. 0458440004 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - 0458440004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0458440001 MOLEX6-0458440001 Datasheet
266Kb / 5P
   2.50mm (.098") Pitch EXTreme PowerEdge?? Signal Connector, Double Sided, 2 Segments (8 Signal Contacts Per Segment), Through Hole Solder for 3.18mm (.125")or 2.36mm (.093") Thick PC Board
0458440002 MOLEX6-0458440002 Datasheet
266Kb / 5P
   2.50mm (.098") Pitch EXTreme PowerEdge?? Signal Connector, Double Sided, 3 Segments (8 Signal Contacts Per Segment), Through Hole Solder for 3.18mm (.125") or 2.36mm (.093") Thick PC Board
0458440003 MOLEX6-0458440003 Datasheet
266Kb / 5P
   2.50mm (.098") Pitch EXTreme PowerEdge?? Signal Connector, Double Sided, 4 Segments (8 Signal Contacts Per Segment), Through Hole Solder for 3.18mm (.125") or 2.36mm (.093") Thick PC Board
0458440005 MOLEX6-0458440005 Datasheet
266Kb / 5P
   2.50mm (.098") Pitch EXTreme PowerEdge, Signal Connector, Double Sided, 3 Segments (8 Signal Contacts Per Segment)
0458440006 MOLEX6-0458440006 Datasheet
266Kb / 5P
   2.50mm (.098") Pitch EXTreme PowerEdge?? Signal Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com