Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0472720024 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0472720024
Description  0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, 0.76關m (30關")Gold (Au) Plating, 20 Circuits, with Cover, Latch Holes, Mylar, Peg, Solder Tab of Shell,without Flange
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0472720024 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0472720024 Datasheet HTML 1Page - Molex Electronics Ltd. 0472720024 Datasheet HTML 2Page - Molex Electronics Ltd. 0472720024 Datasheet HTML 3Page - Molex Electronics Ltd. 0472720024 Datasheet HTML 4Page - Molex Electronics Ltd. 0472720024 Datasheet HTML 5Page - Molex Electronics Ltd. 0472720024 Datasheet HTML 6Page - Molex Electronics Ltd. 0472720024 Datasheet HTML 7Page - Molex Electronics Ltd. 0472720024 Datasheet HTML 8Page - Molex Electronics Ltd. 0472720024 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
Yes
Shielded
Yes
Voltage - Maximum
40V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
2
Process Temperature max. C
250
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47272-001
Sales Drawing
SD-47272-001
* DisplayPort is a Trademark of VESA
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0472720024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0472720024 MOLEX1-0472720024 Datasheet
32Kb / 2P
   0.50mm Pitch DisplayPort Receptacle, Right-Angle, Surface Mount, 0.76m Gold (Au) Plating,
0472720024 MOLEX1-0472720024_18 Datasheet
32Kb / 2P
   0.50mm Pitch DisplayPort Receptacle, Right-Angle, Surface Mount, 0.76m Gold (Au) Plating,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com