Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0473093551 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0473093551
Description  1.10mm (.043") Pitch microSD Card Header, with Detect Switch, Height 3.55mm (.140"), Lead free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0473093551 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0473093551 Datasheet HTML 1Page - Molex Electronics Ltd. 0473093551 Datasheet HTML 2Page - Molex Electronics Ltd. 0473093551 Datasheet HTML 3Page - Molex Electronics Ltd. 0473093551 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0473093551

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473093351 MOLEX6-0473093351 Datasheet
172Kb / 4P
   1.10mm (.043") Pitch microSD Card Header with Detect Switch, Height 3.35mm (.131"), Lead Free
0473093351 MOLEX1-0473093351 Datasheet
31Kb / 2P
   1.10mm Pitch microSD Card Header with Detect Switch, Height 3.35mm, Lead-Free,Gold (Au) Plated 0.762關m
0473093351 MOLEX1-0473093351_19 Datasheet
31Kb / 2P
   1.10mm Pitch microSD Card Header with Detect Switch, Height 3.35mm, Lead-Free,Gold (Au) Plated 0.762關m
0473093751 MOLEX6-0473093751 Datasheet
168Kb / 4P
   1.10mm (.043") Pitch microSD Card Header, with Detect Switch, Height 3.75mm (.148"), Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com