Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0467200016 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0467200016
Description  0.80 mm (.031") Pitch EdgeLine??12.5 Gbps Edge Card Connector, 108 Circuits, PCB Mating Thickness 1.57mm (.062")
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0467200016 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0467200016 Datasheet HTML 1Page - Molex Electronics Ltd. 0467200016 Datasheet HTML 2Page - Molex Electronics Ltd. 0467200016 Datasheet HTML 3Page - Molex Electronics Ltd. 0467200016 Datasheet HTML 4Page - Molex Electronics Ltd. 0467200016 Datasheet HTML 5Page - Molex Electronics Ltd. 0467200016 Datasheet HTML 6Page - Molex Electronics Ltd. 0467200016 Datasheet HTML 7Page - Molex Electronics Ltd. 0467200016 Datasheet HTML 8Page - Molex Electronics Ltd. 0467200016 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image


Similar Part No. - 0467200016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0467200016 MOLEX1-0467200016_17 Datasheet
49Kb / 2P
   EdgeLine CoEdge Connector, 100 Ohm, 25 Gbps, 0.80mm Pitch, 1.57mm to 2.79mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com