Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM681000BL Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KM681000BL
Description  128K x8 bit Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000BL Datasheet(HTML) 4 Page - Samsung semiconductor

  KM681000BL Datasheet HTML 1Page - Samsung semiconductor KM681000BL Datasheet HTML 2Page - Samsung semiconductor KM681000BL Datasheet HTML 3Page - Samsung semiconductor KM681000BL Datasheet HTML 4Page - Samsung semiconductor KM681000BL Datasheet HTML 5Page - Samsung semiconductor KM681000BL Datasheet HTML 6Page - Samsung semiconductor KM681000BL Datasheet HTML 7Page - Samsung semiconductor KM681000BL Datasheet HTML 8Page - Samsung semiconductor KM681000BL Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PRELIMINARY
Revision 0.3
KM681000B Family
CMOS SRAM
April 1996
DC AND OPERATING CHARACTERISTICS
* 1) Commercial Product : TA=0 to 70¡É, Vcc=5.0V¡¾10%, unless otherwise specified
2) Extended Product : TA=-25 to 85¡É, Vcc=5.0V¡¾10%, unless otherwise specified
2) Industrial Product : TA=-40 to 85¡É, Vcc=5.0V¡¾10%, unless otherwise specified
** 20mA for Exteneded and Industrial Products
*** 15mA for Extended and Industrial Products
Item
Symbol
Test Conditions*
Mi
Typ**
Max
Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
§Ë
Output leakage current
ILO
CS1=VIH or CS2=VIL or WE=VIL, VIO=Vss to Vcc
-1
-
1
§Ë
Operating power supply current
ICC
CS1=VIL, CS2=VIH, VIN=VIH or VIL, IIO=0mA
-
7
15**
mA
Average operating current
ICC1
Cycle time=1§Á 100% duty
CS1¡Â0.2V, CS2¡ÃVCC-0.2V
-
-
10***
mA
ICC2
IIO=0mA CS1=VIL,CS2=VIH
Min cycle, 100% duty
-
-
70
mA
Output low voltage
VOL
IOL=2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH=-1.0mA
2.4
-
-
V
Standby Current(TTL)
ISB
CS1=VIH, CS2=VIL
-
-
3
mA
Standby
Current (CMOS)
KM681000BL
KM681000BL-L
ISB1
CS1¡ÃVcc-0.2V
CS2¡ÃVcc-0.2V or
CS2¡Â0.2V
Other input=0~Vcc
L (Low Power)
LL (Low Low Power)
-
-
-
-
100
20
§Ë
§Ë
KM681000BLE
KM681000BLE-L
L (Low Power)
LL (Low Low Power)
-
-
-
-
100
50
§Ë
§Ë
KM681000BLI
KM681000BLI-L
L (Low Power)
LL (Low Low Power)
-
-
-
-
100
50
§Ë
§Ë
TEST CONDITIONS(1.Test Load and Test Input/Output Reference)*
* See DC Operating conditions
Item
Value
Remark
Input pulse level
0.8 to 2.4V
-
Input rising & falling time
5ns
-
input and output reference voltage
1.5V
-
Output load (See right)
CL=100pF+1TTL
-
A.C CHARACTERISTICS
CL*
* Including scope and jig capacitance


Similar Part No. - KM681000BL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL SAMSUNG-KM681000CL Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL-L SAMSUNG-KM681000CL-L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5 SAMSUNG-KM681000CLG-5 Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5L SAMSUNG-KM681000CLG-5L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - KM681000BL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com