Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


KM681002B Datasheet(HTML) 8 Page - Samsung semiconductor

Part No. KM681002B
Description  128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KM681002B Datasheet(HTML) 8 Page - Samsung semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 8 page
background image
KM681002B, KM681002BI
CMOS SRAM
PRELIMINARY
Rev 2.0
- 8 -
February 1998
PRELIMINARY
PRELIMINARY
Preliminary
#1
32-SOJ-400
#32
20.95 ±0.12
0.825 ±0.005
+0.10
MAX
21.36
0.841
0.20
-0.05
+0.004
0.008
-0.002
9.40 ±0.25
0.370 ±0.010
MAX
0.148
3.76
MIN
0.69
0.027
1.30
(
)
0.051
1.30
(
)
0.051
0.95
(
)
0.0375
+0.10
0.43
-0.05
+0.004
0.017
-0.002
+0.10
0.71
-0.05
+0.004
0.028
-0.002
1.27
0.050
#16
#17
0.004
0.10
MAX
11.18 ±0.12
0.440 ±0.005
PACKAGE DIMENSIONS
Units:millimeters/Inches
32-TSOP2-400F
#32
20.95 ±0.10
0.825 ±0.004
MAX
21.35
0.841
MAX
1.00 ±0.10
0.039 ±0.004
1.20
0.047
MIN
0.002
0.05
0.004 MAX
0.10 MAX
#1
0.95
(
)
0.037
+0.10
0.15
-0.05
+0.004
0.006
-0.002
11.76 ±0.20
0.463 ±0.008
#17
#16
0.50
(
)
0.020
0.45 ~0.75
0.018 ~ 0.030
0.25
(
)
0.010
1.27
0.050
0.40 ±0.10
0.016 ±0.004
0~8
°


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KM684002512Kx8 Bit High Speed Static RAM 5V Operating Revolutionary Pin out. Operated at Commercial Extended and Industrial Temperature Range. 1 2 3 4 5 MoreSamsung semiconductor
K6R1008C1B-128Kx8 Bit High Speed Static RAM5V Operating Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges. 1 2 3 4 5 MoreSamsung semiconductor
KM681002A128Kx8 High Speed Static RAM5V Operating Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range. 1 2 3 4 5 MoreSamsung semiconductor
K6R1008V1B128Kx8 Bit High Speed Static RAM 3.3V Operating Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges 1 2 3 4 5 MoreSamsung semiconductor
K6R1008C1A-128Kx8 High Speed Static RAM5V Operating Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges. 1 2 3 4 5 MoreSamsung semiconductor
KM68257C32Kx8 Bit High Speed Static RAM 5V Operating Evolutionary Pin out. Operated at Commercial Temperature Range. 1 2 3 4 5 MoreSamsung semiconductor
K6R4008V1D512Kx8 Bit High Speed Static RAM 3.3V Operating . Operated at Commercial and Industrial Temperature Ranges. 1 2 3 4 5 MoreSamsung semiconductor
K6R4004V1D1Mx4 Bit High Speed Static RAM 3.3V Operating . Operated at Commercial and Industrial Temperature Ranges 1 2 3 4 5 MoreSamsung semiconductor
K6R4008V1C-C512Kx8 Bit High Speed Static RAM 3.3V Operating . Operated at Commercial and Industrial Temperature Ranges. 1 2 3 4 5 MoreSamsung semiconductor
K64004C1D1Mx4 Bit High Speed Static RAM 5.0V Operating . Operated at Commercial and Industrial Temperature Ranges. 1 2 3 4 5 MoreSamsung semiconductor

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn