Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM62256CLG-7 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KM62256CLG-7
Description  32Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62256CLG-7 Datasheet(HTML) 1 Page - Samsung semiconductor

  KM62256CLG-7 Datasheet HTML 1Page - Samsung semiconductor KM62256CLG-7 Datasheet HTML 2Page - Samsung semiconductor KM62256CLG-7 Datasheet HTML 3Page - Samsung semiconductor KM62256CLG-7 Datasheet HTML 4Page - Samsung semiconductor KM62256CLG-7 Datasheet HTML 5Page - Samsung semiconductor KM62256CLG-7 Datasheet HTML 6Page - Samsung semiconductor KM62256CLG-7 Datasheet HTML 7Page - Samsung semiconductor KM62256CLG-7 Datasheet HTML 8Page - Samsung semiconductor KM62256CLG-7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRELIMINARY
Revision 3.0
KM62256C Family
CMOS SRAM
April 1996
32Kx8 bit Low Power CMOS Static RAM
The KM62256C family is fabricated by SAMSUNG's advanced
CMOS process technology. The family can support various
operating temperature ranges and has various package types
for user flexibility of system design. The family also support low
data retention voltage for battery back-up operation with low
data retention current.
GENERAL DESCRIPTION
FEATURES
¡Ü
Process Technology : 0.7§- CMOS
¡Ü
Organization : 32Kx8
¡Ü
Power Supply Voltage : Single 5V ¡¾ 10%
¡Ü
Low Data Retention Voltage : 2V(Min)
¡Ü
Three state output and TTL Compatible
¡Ü
Package Type : JEDEC Standard
28-DIP, 28-SOP, 28-TSOP I -Forward/Reverse
PIN DESCRIPTION
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
WE
A13
A8
A9
A11
OE
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
NameName
Function
A0~A14
Address Inputs
WE
Write Enable Input
CS
Chip Select Input
OE
Output Enable Input
I/O1~I/O8
Data Inputs/Outputs
Vcc
Power(5V)
Vss
Ground
28-DIP
28-SOP
15
16
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Cell
Array
PRODUCT FAMILY
* The parameter is measured with 30pF test load.
Product
Family
Operating
Temperature.
Speed
(ns)
PKG Type
Power Dissipation
Standby
(ISB1, Max)
Operating
(Icc2)
KM62256CL
Commercial (0~70¡É)
45*/55/70ns
28-DIP, 28-SOP
28-TSOP I R/F
100§Ë
70mA
KM62256CL-L
20§Ë
KM62256CLE
Extended (-25~85¡É)
70/100ns
28-SOP
28-TSOP I R/F
100§Ë
KM62256CLE-L
50§Ë
KM62256CLI
Industrial (-40~85¡É)
70/100ns
28-SOP
28-TSOP I R/F
100§Ë
KM62256CLI-L
50§Ë
Y-Decoder
I/O Buffer
FUNCTIONAL BLOCK DIAGRAM
A3~A8,
I/O1~8
CS
WE,OE
A0~A2, A9~11
A12~14
A11
A9
A8
A13
WE
VCC
A3
A14
A12
A7
A6
A5
A4
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
28-TSOP
Type I - Forward
1
2
3
4
5
6
7
8
9
10
11
12
13
14
27
26
28
25
24
23
22
21
20
19
18
17
16
15
OE
28-TSOP
A11
A9
A8
A13
WE
VCC
A3
A14
A12
A7
A6
A5
A4
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
27
26
28
25
24
23
22
21
20
19
18
17
16
15
OE
Type I - Reverse


Similar Part No. - KM62256CLG-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62256CLG-7 SAMSUNG-KM62256CLG-7 Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-7L SAMSUNG-KM62256CLG-7L Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM62256CLG-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com