Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM418RD16AD Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM418RD16AD
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD16AD Datasheet(HTML) 3 Page - Samsung semiconductor

  KM418RD16AD Datasheet HTML 1Page - Samsung semiconductor KM418RD16AD Datasheet HTML 2Page - Samsung semiconductor KM418RD16AD Datasheet HTML 3Page - Samsung semiconductor KM418RD16AD Datasheet HTML 4Page - Samsung semiconductor KM418RD16AD Datasheet HTML 5Page - Samsung semiconductor KM418RD16AD Datasheet HTML 6Page - Samsung semiconductor KM418RD16AD Datasheet HTML 7Page - Samsung semiconductor KM418RD16AD Datasheet HTML 8Page - Samsung semiconductor KM418RD16AD Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Page 0
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM
Rev. 1.01 Oct. 1999
KM 4 XX XX XX X X - X X XX
1
2
3
4
5
6
7
8
SAMSUNG Memory
Device
Organization
Product
Speed
Package Type
Revision
Density
1. SAMSUNG Memory
2. Device
3. Organization
4. Product
6. Revision
7. Package Type
10. Speed
5. Density
9
9. tRAC(Row Access Time)
tRAC(Row Access Time)
8. Power & Refresh
10
Power & Refresh
ORDERING INFORMATION
- 4 : DRAM
- 16 : x16 bit
- 18 : x18 bit
- RD : Direct RAMBUS DRAM
- 2 : 2M
- 4 : 4M
- 8 : 8M
- 16 : 16M
- 32 : 32M
- Blank : 1st Gen.
- A
: 2nd Gen.
- C : u - BGA(Normal CSP)
- D : u - BGA(Mirrored CSP)
- Blank : Normal Power Self Refesh(32m/8K, 3.9us)
- L
: Low Power Self Refesh(32m/8K, 3.9us)
- R
: Normal Power Self Refesh(32m/16K, 1.9us)
- S
: Low Power Self Refesh(32m/16K, 1.9us)
- DS : for Daisy Chain Sample
- 60 : 600Mbps (300MHz)
- 70 : 711Mbps (356MHz)
- 80 : 800Mbps (400MHz)
- Blank : for Daisy Chain Sample
- G
: 53.3ns
- K
: 45ns
- M
: 40ns
- B~D, F, J, L, N~ : Reserved


Similar Part No. - KM418RD16AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IC8 FAIRCHILD-KM4100IC8 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IC8TR3 FAIRCHILD-KM4100IC8TR3 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IT5 FAIRCHILD-KM4100IT5 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IT5TR3 FAIRCHILD-KM4100IT5TR3 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
More results

Similar Description - KM418RD16AD

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
   256K x 16/18 bit x 32s banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com