Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0467651001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0467651001
Description  0.40mm (.016") Pitch HDMI* Type D Micro Connector, Right Angle Receptacle, SMT, with Through Hole Shell Tabs and Kapton Tape, 19 Circuits, Lead free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0467651001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0467651001 Datasheet HTML 1Page - Molex Electronics Ltd. 0467651001 Datasheet HTML 2Page - Molex Electronics Ltd. 0467651001 Datasheet HTML 3Page - Molex Electronics Ltd. 0467651001 Datasheet HTML 4Page - Molex Electronics Ltd. 0467651001 Datasheet HTML 5Page - Molex Electronics Ltd. 0467651001 Datasheet HTML 6Page - Molex Electronics Ltd. 0467651001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0467651001
Status:
Active
Overview:
type_d_micro_connectors
Description:
0.40mm (.016") Pitch HDMI* Type D Micro Connector, Right Angle Receptacle, SMT,
with Through Hole Shell Tabs and Kapton Tape, 19 Circuits, Lead free
Documents:
3D Model
Product Specification PS-46765-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
General
Product Family
I/O Connectors
Series
46765
Application
Wire-to-Board
Component Type
Receptacle
Overview
type_d_micro_connectors
Product Name
HDMI, Micro HDMI*
Type
D
Physical
Boot Color
N/A
Circuits (Loaded)
19
Circuits (maximum)
19
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface (in)
0.016 In
Pitch - Mating Interface (mm)
0.40 mm
Pitch - Term. Interface (in)
0.016 In
Pitch - Term. Interface (mm)
0.40 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
0.8A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
46765Series
Mates With
68786 Micro HDMI* Cable Assemblies


Similar Part No. - 0467651001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0467651001 MOLEX1-0467651001 Datasheet
43Kb / 2P
   0.40mm Pitch Micro HDMI Connector, Right-Angle Receptacle, Surface Mount, with Through Hole Shell Tabs and Pick-and-Place Polyimide Tape, 19 Circuits, Lead-Free
0467651001 MOLEX1-0467651001_18 Datasheet
43Kb / 2P
   0.40mm Pitch Micro HDMI Connector, Right-Angle Receptacle, Surface Mount, with Through Hole Shell Tabs and Pick-and-Place Polyimide Tape, 19 Circuits, Lead-Free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com