Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM68512BL-L Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KM68512BL-L
Description  64Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68512BL-L Datasheet(HTML) 8 Page - Samsung semiconductor

  KM68512BL-L Datasheet HTML 1Page - Samsung semiconductor KM68512BL-L Datasheet HTML 2Page - Samsung semiconductor KM68512BL-L Datasheet HTML 3Page - Samsung semiconductor KM68512BL-L Datasheet HTML 4Page - Samsung semiconductor KM68512BL-L Datasheet HTML 5Page - Samsung semiconductor KM68512BL-L Datasheet HTML 6Page - Samsung semiconductor KM68512BL-L Datasheet HTML 7Page - Samsung semiconductor KM68512BL-L Datasheet HTML 8Page - Samsung semiconductor KM68512BL-L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Revision 0.0
KM68512B Family
CMOS SRAM
January 1998
8
Advance
DATA RETENTION WAVE FORM
CS1 controlled
VCC
4.5V
2.2V
VDR
CS1
GND
Data Retention Mode
CS
≥VCC - 0.2V
tSDR
tRDR
TIMING WAVEFORM OF WRITE CYCLE(3)
(CS1 Controlled)
Address
CS1
tAW
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of a low CS1, a high CS2 and a low WE. A write begins at the latest transition among CS1 goes low,
CS2 going high and WE going low : A write end at the earliest transition among CS1 going high, CS2 going low and WE going high,
tWP is measured from the begining of write to the end of write.
2. tCW is measured from the CS1 going low or CS2 going high to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR(1) applied in case a write ends as CS1 or WE going high tWR(2)
applied in case a write ends as CS2 going to low.
CS2
tWP(2)
WE
Data in
Data Valid
Data out
High-Z
High-Z
tCW(2)
tWR(4)
tWP(1)
tDW
tDH
tAS(3)
tWC
CS2 controlled
VCC
4.5V*
0.4V
VDR
CS2
GND
Data Retention Mode
tSDR
tRDR
CS2
≤0.2V


Similar Part No. - KM68512BL-L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68512A SAMSUNG-KM68512A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM68512AL SAMSUNG-KM68512AL Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM68512AL-L SAMSUNG-KM68512AL-L Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM68512ALG-5 SAMSUNG-KM68512ALG-5 Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM68512ALG-5L SAMSUNG-KM68512ALG-5L Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM68512BL-L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM68512A SAMSUNG-KM68512A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM6264B SAMSUNG-KM6264B Datasheet
152Kb / 10P
   8Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com