Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM62256CLRGI-10L Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM62256CLRGI-10L
Description  32Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62256CLRGI-10L Datasheet(HTML) 3 Page - Samsung semiconductor

  KM62256CLRGI-10L Datasheet HTML 1Page - Samsung semiconductor KM62256CLRGI-10L Datasheet HTML 2Page - Samsung semiconductor KM62256CLRGI-10L Datasheet HTML 3Page - Samsung semiconductor KM62256CLRGI-10L Datasheet HTML 4Page - Samsung semiconductor KM62256CLRGI-10L Datasheet HTML 5Page - Samsung semiconductor KM62256CLRGI-10L Datasheet HTML 6Page - Samsung semiconductor KM62256CLRGI-10L Datasheet HTML 7Page - Samsung semiconductor KM62256CLRGI-10L Datasheet HTML 8Page - Samsung semiconductor KM62256CLRGI-10L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PRELIMINARY
Revision 3.0
KM62256C Family
CMOS SRAM
April 1996
ABSOLUTE MAXIMUM RATINGS*
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stres s rating only and functional operation of
the device at these or any other conditions above those indicated in the operating section of this specification is not impl ied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN,VOUT
-0.5 to VCC+0.5
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.5 to 7.0
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
¡É
-
Operating Temperature
TA
0 to 70
¡É
KM62256CL/L-L
-25 to 85
¡É
KM62256CLE/LE-L
-40 to 85
¡É
KM62256CLI/LI-L
Soldering temperature and time
TSOLDER
260¡É, 10sec (Lead Only)
-
-
RECOMMENDED DC OPERATING CONDITIONS*
* 1) Commercial Product : TA=0 to 70¡É, unless otherwise specified
2) Extended Product : TA=-25 to 85¡É, unless otherwise specified
3) Industrial Product : TA=-40 to 85¡É, unless otherwise specified
** TA=25¡É
*** VIL(min)=-3.0V for ¡Â 50ns pulse width
Item
Symbol
Min
Typ**
Max
Unit
Supply voltage
Vcc
4.5
5.0
5.5
V
Ground
Vss
0
0
0
V
Input high voltage
VIH
2.2
-
Vcc+0.5V
V
Input low voltage
VIL
-0.5***
-
0.8
V
CAPACITANCE* (f=1MHz, TA=25¡É)
* Capacitance is sampled not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
6
pF
Input/Output capacitance
CIO
VIO=0V
-
8
pF


Similar Part No. - KM62256CLRGI-10L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62256CLRGI-7L SAMSUNG-KM62256CLRGI-7L Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM62256CLRGI-10L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com