Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM62256CLRG-7L Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KM62256CLRG-7L
Description  32Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62256CLRG-7L Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM62256CLRG-7L Datasheet HTML 2Page - Samsung semiconductor KM62256CLRG-7L Datasheet HTML 3Page - Samsung semiconductor KM62256CLRG-7L Datasheet HTML 4Page - Samsung semiconductor KM62256CLRG-7L Datasheet HTML 5Page - Samsung semiconductor KM62256CLRG-7L Datasheet HTML 6Page - Samsung semiconductor KM62256CLRG-7L Datasheet HTML 7Page - Samsung semiconductor KM62256CLRG-7L Datasheet HTML 8Page - Samsung semiconductor KM62256CLRG-7L Datasheet HTML 9Page - Samsung semiconductor KM62256CLRG-7L Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PRELIMINARY
Revision 3.0
KM62256C Family
CMOS SRAM
April 1996
DATA RETENTION CHARACTERISTICS
* 1) Commercial Product : Ta=0 to 70¡É, unless otherwise specified
2) Extended Product : TA=-25 to 85¡É, nless otherwise specified
3) Industrial Product : Ta=-40 to 85¡É, unless otherwise specified
** TA=25¡É
Item
Symbol
Test Condition*
Min
Typ**
Max
Unit
Vcc for data retention
VDR
CS¡ÃVcc-0.2V
2.0
-
5.5
V
Data retention current
IDR
KM62256CL
KM62256CL-L
Vcc=3.0V
CS¡ÃVcc-0.2V
L-Ver
LL-Ver
-
-
1
0.5
50
10
§Ë
KM62256CLE
KM62256CLE-L
L-Ver
LL-Ver
-
-
-
-
50
25
KM62256CLI
KM62256CLI-L
L-Ver
LL-Ver
-
-
-
-
50
25
Data retention set-up time
tSDR
See data retention
waveform
0
-
-
ms
Recovery time
tRDR
5
-
-
DATA RETENTION WAVE FORM
VCC
4.5V
2.2V
VDR
CS
GND
Data Retention Mode
CS¡Ã VCC - 0.2V
1) CS Controlled
FUNCTIONAL DESCRIPTION
* X means don't care
CS
WE
OE
Mode
I/O Pin
Current Mode
H
X
X
Power Down
High-Z
ISB ISB1
L
H
H
Output Disable
High-Z
ICC
L
H
L
Read
Dout
ICC
L
L
X
Write
Din
ICC
tSDR
tRDR


Similar Part No. - KM62256CLRG-7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62256CLRG-7L SAMSUNG-KM62256CLRG-7L Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM62256CLRG-7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com