Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0475940179 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0475940179
Description  1.01mm (.040") by 1.016mm (.040") Pitch LGA 1366 Processor Socket ILM Kit Assembly for Server, Straight Lever, Lead-free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0475940179 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0475940179 Datasheet HTML 1Page - Molex Electronics Ltd. 0475940179 Datasheet HTML 2Page - Molex Electronics Ltd. 0475940179 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0475940179
Status:
Active
Description:
1.01mm (.040") by 1.016mm (.040") Pitch LGA 1366 Processor Socket ILM Kit
Assembly for Server, Straight Lever, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Processor Sockets
Series
47594
Comments
Comprising 475939100 Shepherd Hook Lever Frame
Assembly and 475937000 Server Back-plate
Component Type
Back Plate Assembly, Socket
Product Name
LGA1366
Physical
Circuits (Loaded)
0
Durability (mating cycles max)
30
Material - Metal
Steel
Material - Plating Mating
Nickel
Packaging Type
Tray
Pitch - Mating Interface (in)
3.150 In
Pitch - Mating Interface (mm)
80.00 mm
Plating min: Mating (µin)
3.15
Plating min: Mating (µm)
80.00
Temperature Range - Operating
-40°C to +88°C
Termination Interface: Style
Screw or Lug
Electrical
Current - Maximum per Contact
0.8A
Voltage - Maximum
5V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47594-079
Sales Drawing
SD-47594-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47594Series
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0475940179

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0475940189 MOLEX6-0475940189 Datasheet
328Kb / 3P
   1.01mm (.040") by 1.016mm (.040") Pitch LGA 1366 Processor Socket ILM Kit Assembly for Desktop, Straight Lever, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com