Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0495051215 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0495051215
Description  Bulb Socket, Sealed, For W16W, 32.00mm Socket Length, 2 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0495051215 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0495051215 Datasheet HTML 1Page - Molex Electronics Ltd. 0495051215 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0495051215
Status:
Active
Description:
Bulb Socket, Sealed, For W16W, 32.00mm Socket Length, 2 Circuits
Documents:
3D Model
Product Specification PS-49505-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Other Sockets
Series
49505
Comments
Sealed bulb socket for W16W
Component Type
Socket
Product Name
Bulb Socket
Physical
Circuits (Loaded)
2
Color - Resin
Gray
Durability (mating cycles max)
Contact Molex
Entry Angle
Vertical
Keying to Mating Part
N/A
Material - Resin
Nylon
PCB Retention
None
Packaging Type
Bag
Pitch - Mating Interface (in)
0.343 In
Pitch - Mating Interface (mm)
8.70 mm
Temperature Range - Operating
-40°C to +80°C
Electrical
Current - Maximum per Contact
7A
Voltage - Maximum
12V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-49505-001
Product Specification
PS-49505-001
Sales Drawing
SD-49505-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49505Series
Mates With
Lamp
Use With
35477-9002
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0495051215

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0495051205 MOLEX6-0495051205 Datasheet
130Kb / 2P
   Bulb Socket, Unsealed, For W16W, 32.00mm Socket Length, 2 Circuits
More results

Similar Description - 0495051215

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0495051205 MOLEX6-0495051205 Datasheet
130Kb / 2P
   Bulb Socket, Unsealed, For W16W, 32.00mm Socket Length, 2 Circuits
0495050215 MOLEX6-0495050215 Datasheet
128Kb / 2P
   Bulb Socket, Sealed, For W16W, 35.50mm Socket Length, 2 Circuits
0495050205 MOLEX6-0495050205 Datasheet
120Kb / 2P
   Bulb Socket, Unsealed, For W16W, 35.50mm Socket Length, 2 Circuits
495051215 MOLEX-495051215 Datasheet
105Kb / 1P
   SEALED W162 BULB SOCKET 2P (SOCKET LENGTH-32.0MM)
2006/04/15
35512-0200 MOLEX11-35512-0200 Datasheet
52Kb / 1P
   6.40mm Pitch Housing for Wedge Bulb Socket, Female, Sealed, 2 Circuits
0355120200 MOLEX5-0355120200 Datasheet
108Kb / 2P
   6.40mm (.252") Pitch Housing for Wedge Bulb Socket, Female, Sealed, 2 Circuits
ATS-639012100 MOLEX-ATS-639012100 Datasheet
302Kb / 5P
   Fine Adjust Applicator for Sealed PT-Bulb Socket Positive Terminal
05-03-13
0359030096 MOLEX5-0359030096 Datasheet
87Kb / 2P
   Positive Silicone Rubber Wire Seal for Sealed PT Bulb Socket
63901-1700 MOLEX-63901-1700 Datasheet
285Kb / 5P
   Fine Adjust Applicator for Sealed PT-Bulb Socket Earth Terminal
11-12-08
0359030106 MOLEX5-0359030106 Datasheet
85Kb / 2P
   Earth Silicone Rubber Wire Seal for Sealed PT Bulb Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com