Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0473921104 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0473921104
Description  1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, 0.38關m (15關") Gold (Au) Plating, Unmating Height 7.70mm (.303"),Red
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0473921104 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0473921104 Datasheet HTML 1Page - Molex Electronics Ltd. 0473921104 Datasheet HTML 2Page - Molex Electronics Ltd. 0473921104 Datasheet HTML 3Page - Molex Electronics Ltd. 0473921104 Datasheet HTML 4Page - Molex Electronics Ltd. 0473921104 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0473921104
Status:
Active
Description:
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through
Hole, Right Angle, 0.38µm (15µ") Gold (Au) Plating, Unmating Height 7.70mm (.303"),
Red, Inline Plastic Pegs, without Mylar, 7 Circuits, Lead free
Documents:
3D Model
Product Specification PS-47082-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
47392
Application
Wire-to-Board
Comments
In Line Posts. DIP Mount with Shell
Component Type
Plug
Product Name
External Serial ATA
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Red
Gender
Plug
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.051 In
PCB Thickness Recommended (mm)
1.30 mm
Packaging Type
Tray
Panel Mount
Front
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.27
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
1.5A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47392Series
Mates With
68782 External Serial ATA Cable
Assemblies . 47078-0001 , 47078-1001,
47078-2001, 47078-0003, 47078-0004
Cable Connector for External Serial ATA


Similar Part No. - 0473921104

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473921001 MOLEX6-0473921001 Datasheet
269Kb / 5P
   1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, Gold Flash, Unmating Height 7.70mm (.303"), Black, Inline Plastic Pegs
0473921004 MOLEX6-0473921004 Datasheet
269Kb / 5P
   1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, Gold Flash, Unmating Height 7.70mm (.303"), Red, Inline Plastic Pegs, without Mylar
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com