Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0470192402 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0470192402
Description  2.54mm (.100") Pitch SIM Card Connector, 6 Circuits, Housing Height 2.40mm (.094"), Lead Free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0470192402 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0470192402 Datasheet HTML 1Page - Molex Electronics Ltd. 0470192402 Datasheet HTML 2Page - Molex Electronics Ltd. 0470192402 Datasheet HTML 3Page - Molex Electronics Ltd. 0470192402 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0470192402
Status:
Active
Overview:
sim__smart_card
Description:
2.54mm (.100") Pitch SIM Card Connector, 6 Circuits, Housing Height 2.40mm (.094"),
Lead Free
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Memory Card Sockets
Series
47019
Button Type
N/A
Comments
Housing Height: 2.40mm (.094")
Component Type
Header/Socket (Host)
Overview
sim__smart_card
Product Name
SIM
Type
N/A
Physical
Card Detection Switch
No
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Black
Durability (mating cycles max)
3,000
Ejector Button Side
No Ejector Button Present
Entry Angle
90° Angle (Side Entry), Vertical (Top Entry)
Keying to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
PCB Locator
No
PCB Mounting Side
Reverse
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
32
Plating min: Mating (µm)
0.8
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Ports
0
Temperature Range - Operating
-30°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
No
Voltage - Maximum
15V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47019Series
Mates With
Standard SIM Card


Similar Part No. - 0470192402

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0470192002 MOLEX6-0470192002 Datasheet
192Kb / 4P
   2.54mm (.100") Pitch SIM Card Connector, 6 Circuits, Housing Height 2.00mm (.079"), Lead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com