Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0495480390 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0495480390
Description  1.78mm (.070") Tab, 8.50mm (.335") Pitch Wire-to-Wire Female Housing TPA, 3 Circuits, Vertical, Lower Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0495480390 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0495480390 Datasheet HTML 1Page - Molex Electronics Ltd. 0495480390 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0495480390

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0495441492 MOLEX1-0495441492 Datasheet
33Kb / 1P
   Mini-Fit Jr. Lower TPA for Crimp Pin Housing, 7 Circuits
0495441692 MOLEX1-0495441692 Datasheet
33Kb / 1P
   Mini-Fit Jr. Lower TPA for Crimp Pin Housing, 8 Circuits
0495470392 MOLEX6-0495470392 Datasheet
95Kb / 2P
   1.78mm (.070") Tab, 8.50mm (.335") Pitch Wire-to-Wire Female Housing TPA?? 3 Circuits, Vertical, Upper Type
0495490210 MOLEX6-0495490210 Datasheet
105Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX Housing, 2 Circuits
0495490310 MOLEX6-0495490310 Datasheet
105Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX??Housing, 3 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com