Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0460071306 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0460071306
Description  7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 6 Circuits, PC Tail Length 5.33mm (.210")
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0460071306 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0460071306 Datasheet HTML 1Page - Molex Electronics Ltd. 0460071306 Datasheet HTML 2Page - Molex Electronics Ltd. 0460071306 Datasheet HTML 3Page - Molex Electronics Ltd. 0460071306 Datasheet HTML 4Page - Molex Electronics Ltd. 0460071306 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +75°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
18A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Product Specification
PSX-44441-9999
Sales Drawing
SD-46007-001
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0460071306

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460071302 MOLEX6-0460071302 Datasheet
398Kb / 5P
   7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 2 Circuits, PC Tail Length 3.81mm (.150")
0460071303 MOLEX6-0460071303 Datasheet
398Kb / 5P
   7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 3 Circuits, PC Tail Length 5.33mm (.210"), without Snap-In Metal Pins, Tin (Sn) Plating
0460071304 MOLEX6-0460071304 Datasheet
398Kb / 5P
   7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 4 Circuits, PC Tail Length 3.81mm (.150")
0460071305 MOLEX6-0460071305 Datasheet
398Kb / 5P
   7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 5 Circuits, PC Tail Length 3.81mm (.150"), without Snap-In Metal Pins, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com