Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0470191802 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0470191802
Description  2.54mm (.100") Pitch SIM Card Connector, Phosphor Bronze (CuSn), 6 Circuits, Housing Height
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0470191802 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0470191802 Datasheet HTML 1Page - Molex Electronics Ltd. 0470191802 Datasheet HTML 2Page - Molex Electronics Ltd. 0470191802 Datasheet HTML 3Page - Molex Electronics Ltd. 0470191802 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
10
Process Temperature max. C
250
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-47019-002
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0470191802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0470191502 MOLEX6-0470191502 Datasheet
193Kb / 4P
   2.54mm (.100") Pitch SIM Card Connector, 6 Circuits, Housing Height 1.50mm (.059"), Lead Free
0470191602 MOLEX6-0470191602 Datasheet
189Kb / 4P
   2.54mm (.100") Pitch SIM Card Connector, 6 Circuits, Housing Height 1.60mm (.063"), Lead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com