Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0496241890 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0496241890
Description  4.20mm (.165") Wire-to-Wire TPA Connector for Female Housing, 18 Circuits, UL94V-2, White
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0496241890 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0496241890 Datasheet HTML 1Page - Molex Electronics Ltd. 0496241890 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0496241890
Status:
Active
Description:
4.20mm (.165") Wire-to-Wire TPA™ Connector for Female Housing, 18 Circuits,
UL94V-2, White
Documents:
3D Model
Product Specification PS-49624-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
49624
Product Name
N/A
Physical
Circuits (maximum)
18
Circuits Detail
18
Color - Resin
White
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
6A
Material Info
Reference - Drawing Numbers
Product Specification
PS-49624-001
Sales Drawing
SD-49624-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49624Series
Mates With
4.20mm (.165") Wire-to-Wire Male TPA™
49623 , 49627
Use With
5556 Mini-Fit® Crimp Terminal
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0496241890

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0496241895 MOLEX6-0496241895 Datasheet
148Kb / 2P
   4.20mm (.165") Wire-to-Wire TPA Connector for Female Housing, 18 Circuits, UL94V-0, Ivory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com