Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0459846913 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0459846913
Description  EXTreme LPHPower Receptacle Header, Right Angle, 6 Power Contacts, Select Gold (Au) Plating, for 3.18mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0459846913 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0459846913 Datasheet HTML 1Page - Molex Electronics Ltd. 0459846913 Datasheet HTML 2Page - Molex Electronics Ltd. 0459846913 Datasheet HTML 3Page - Molex Electronics Ltd. 0459846913 Datasheet HTML 4Page - Molex Electronics Ltd. 0459846913 Datasheet HTML 5Page - Molex Electronics Ltd. 0459846913 Datasheet HTML 6Page - Molex Electronics Ltd. 0459846913 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0459846913
Status:
Active
Overview:
extreme_lphpower
Description:
EXTreme LPHPower™ Receptacle Header, Right Angle, 6 Power Contacts, Select
Gold (Au) Plating, for 3.18mm (.125") Thick PC Board with Press-fit Plastic Pegs
Documents:
3D Model
Product Specification PS-45984-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
45984
Application
Board-to-Board
Comments
6 Power Blades
Overview
extreme_lphpower
Product Name
EXTreme LPHPower™
Physical
Circuits (Loaded)
6
Circuits (maximum)
6
Circuits Detail
6 Power, No Signal
Color - Resin
Black
Durability (mating cycles max)
250
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
No
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.177 In
PC Tail Length (mm)
4.50 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.125 In
PCB Thickness Recommended (mm)
3.18 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.472 In
Pitch - Mating Interface (mm)
12.00 mm
Pitch - Term. Interface (in)
0.079 In, 0.098 In
Pitch - Term. Interface (mm)
2.00 mm, 2.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
Yes
Polarized to PCB
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45984Series
Mates With
45985 EXTreme LPHPower™ Headers


Similar Part No. - 0459846913

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459846911 MOLEX6-0459846911 Datasheet
360Kb / 7P
   EXTreme LPHPower??Receptacle Header, Right Angle, 6 Power Contacts, Select Gold (Au) Plating, for 3.18mm (.125") Thick PC Board
0459846912 MOLEX6-0459846912 Datasheet
360Kb / 7P
   EXTreme LPHPower Receptacle Header, Right Angle, 6 Power Contacts, Select Gold (Au) Plating
0459846914 MOLEX6-0459846914 Datasheet
360Kb / 7P
   EXTreme LPHPower??Receptacle Header, Right Angle, 6 Power Contacts, Select Gold (Au) Plating, for 3.18mm (.125") Thick PC Board with Guide and Press-fit Plastic Pegs
More results

Similar Description - 0459846913

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459844912 MOLEX6-0459844912 Datasheet
360Kb / 7P
   EXTreme LPHPower Receptacle Header, Right Angle, 4 Power Contacts, Select Gold (Au) Plating, for 3.18mm
0459841911 MOLEX6-0459841911 Datasheet
360Kb / 7P
   EXTreme LPHPower Receptacle Header, Right Angle, 10 Power Contacts, Select Gold (Au) Plating, for 3.18mm
0459846934 MOLEX6-0459846934 Datasheet
360Kb / 7P
   EXTreme LPHPower Receptacle Header, Right Angle, 6 Power Contacts, Select Gold (Au) Plating
0459846912 MOLEX6-0459846912 Datasheet
360Kb / 7P
   EXTreme LPHPower Receptacle Header, Right Angle, 6 Power Contacts, Select Gold (Au) Plating
0459846923 MOLEX6-0459846923 Datasheet
360Kb / 7P
   EXTreme LPHPower Receptacle Header, Right Angle, 6 Power Contacts, Select Gold (Au) Plating
0459846911 MOLEX6-0459846911 Datasheet
360Kb / 7P
   EXTreme LPHPower??Receptacle Header, Right Angle, 6 Power Contacts, Select Gold (Au) Plating, for 3.18mm (.125") Thick PC Board
0459846924 MOLEX6-0459846924 Datasheet
360Kb / 7P
   EXTreme LPHPower Receptacle Header, Right Angle, 6 Power Contacts, Select Gold (Au) Plating, for 2.36mm (.093")
0459841932 MOLEX6-0459841932 Datasheet
360Kb / 7P
   EXTreme LPHPower Receptacle Header, Right Angle, 10 Power Contacts, Select Gold (Au) Plating
0459848932 MOLEX6-0459848932 Datasheet
360Kb / 7P
   EXTreme LPHPower Receptacle Header, Right Angle, 8 Power Contacts, Select Gold (Au) Plating
0459848923 MOLEX6-0459848923 Datasheet
360Kb / 7P
   EXTreme LPHPower Receptacle Header, Right Angle, 8 Power Contacts, Select Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com