Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0472450001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0472450001
Description  2.54mm (.100") Pitch Pogo Pin Connector, SMT, Vertical, with Pick-and- Place Cap, 3 Circuits, Lead-free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0472450001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0472450001 Datasheet HTML 1Page - Molex Electronics Ltd. 0472450001 Datasheet HTML 2Page - Molex Electronics Ltd. 0472450001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0472450001
Status:
Active
Overview:
pogo_pins
Description:
2.54mm (.100") Pitch Pogo Pin Connector, SMT, Vertical, with Pick-and- Place Cap, 3
Circuits, Lead-free
Documents:
3D Model
Product Specification PS-47245-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
47245
Application
Board-to-Board
Comments
Action Height: 3.15mm (.124")
Overview
pogo_pins
Product Name
PoGo Pin
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Durability (mating cycles max)
20,000
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Mated Height (in)
0.124 In
Mated Height (mm)
3.15 mm
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.10
Polarized to Mating Part
No
Polarized to PCB
No
Robotic Placement
Pick and Place Cap
Shrouded
No
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
60V DC
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Process Temperature max. C
250
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47245Series


Similar Part No. - 0472450001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0472490001 MOLEX6-0472490001 Datasheet
226Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8x8
0472490005 MOLEX6-0472490005 Datasheet
80Kb / 2P
   Cover for Mobile Phone Camera Socket, 8x8, Top Mount, Side Contact Type, Stainless Steel, Lead free
0472490007 MOLEX6-0472490007 Datasheet
87Kb / 2P
   Stainless Steel Extractor for Camera Socket, 8x8 Type, Lead free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com