Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0459858112 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0459858112
Description  1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 8 Power Contacts, 12 Signal
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0459858112 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0459858112 Datasheet HTML 1Page - Molex Electronics Ltd. 0459858112 Datasheet HTML 2Page - Molex Electronics Ltd. 0459858112 Datasheet HTML 3Page - Molex Electronics Ltd. 0459858112 Datasheet HTML 4Page - Molex Electronics Ltd. 0459858112 Datasheet HTML 5Page - Molex Electronics Ltd. 0459858112 Datasheet HTML 6Page - Molex Electronics Ltd. 0459858112 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0459858112
Status:
Active
Overview:
extreme_lphpower
Description:
1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower™ Header, Right Angle, 8
Power Contacts, 12 Signal Contacts, Select Gold (Au) Plating, for 2.36mm (.093") Thick
PC Board
Documents:
3D Model
Product Specification PS-45984-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
30683046
UL
E29179
General
Product Family
PCB Headers
Series
45985
Application
Board-to-Board
Overview
extreme_lphpower
Product Name
EXTreme LPHPower™
Physical
Breakaway
No
Circuits (Loaded)
20
Circuits (maximum)
20
Circuits Detail
8 Power, 12 Signal
Color - Resin
Black
Durability (mating cycles max)
250
First Mate / Last Break
Yes
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Brass, High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.142 In
PC Tail Length (mm)
3.60 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.36 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In, 0.472 In
Pitch - Mating Interface (mm)
1.27 mm, 12.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
150, 50
Plating min: Termination (µm)
1.25, 3.75
Polarized to Mating Part
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45985Series
Mates With
45984 EXTreme LPHPower™ PCB
Receptacles


Similar Part No. - 0459858112

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459858111 MOLEX6-0459858111 Datasheet
491Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 8 Power Contacts
0459858113 MOLEX6-0459858113 Datasheet
491Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower??Header, Right Angle, 8 Power Contacts, 12 Signal Contacts, Select Gold (Au) Plating, for 1.57mm (.062") Thick PC Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com