Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0474690001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0474690001
Description  2.54mm (.100") Pitch Low Profile SIM Card Connector, 6 Circuits, Housing Height 1.03mm (.041"), 0.30um
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0474690001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0474690001 Datasheet HTML 1Page - Molex Electronics Ltd. 0474690001 Datasheet HTML 2Page - Molex Electronics Ltd. 0474690001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0474690001
Status:
Active
Description:
2.54mm (.100") Pitch Low Profile SIM Card Connector, 6 Circuits, Housing Height
1.03mm (.041"), 0.30µm (12µ") Gold (Au) Plating over 1.27µm (50 µ") Nickel on
Contact Area
Documents:
3D Model
Product Specification PS-47469-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
47469
Button Type
N/A
Comments
0.60mm (.024") Contact Height above Top Housing
Surface
Component Type
Header/Socket (Host)
Product Name
SIM
Type
N/A
Physical
Card Detection Switch
No
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Black
Durability (mating cycles max)
500
Ejector Button Side
No Ejector Button Present
Entry Angle
90° Angle
Keying to Mating Part
None
Material - Metal
Copper Alloy, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.000 In
PC Tail Length (mm)
0.00 mm
PCB Locator
No
PCB Mounting Side
Normal
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
12
Plating min: Mating (µm)
0.30
Plating min: Termination (µin)
1
Plating min: Termination (µm)
0.025
Ports
0
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.01A
Shielded
No
Voltage - Maximum
5V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47469Series
Mates With
Standard SIM Card


Similar Part No. - 0474690001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0474680001 MOLEX6-0474680001 Datasheet
146Kb / 3P
   2.54mm (.100") SIM Card Connector, 6 Circuits, Surface Mount, with Guide Rail, Housing Height 2.00mm (.079"), Lead Free
0474688001 MOLEX6-0474688001 Datasheet
146Kb / 3P
   2.54mm (.100") MEGA SIM Card Connector, 8 Circuits, Surface Mount, with Guide Rail, Housing Height 2.00mm (.079"), Lead Free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com