Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0459110042 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0459110042
Description  12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0459110042 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0459110042 Datasheet HTML 1Page - Molex Electronics Ltd. 0459110042 Datasheet HTML 2Page - Molex Electronics Ltd. 0459110042 Datasheet HTML 3Page - Molex Electronics Ltd. 0459110042 Datasheet HTML 4Page - Molex Electronics Ltd. 0459110042 Datasheet HTML 5Page - Molex Electronics Ltd. 0459110042 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0459110042
Status:
Active
Overview:
Description:
12.90mm (.508") Pitch EXTreme PowerEdge™, Mixed Power/Signal Card Edge
Connector, Double Sided, 4 Segments (Power, Signal, Power, Signal Sequence),
Through Hole Solder for 1.57mm (.062") Thick PC Board
Agency Certification
CSA
LR 19980
TUV
30482572.001
UL
E29179
General
Product Family
Edge Card Connectors
Series
45911
Component Type
Edgecard to PCB
Overview
edge_card_connectors
Product Name
EXTreme PowerEdge™
Physical
Circuits (Loaded)
20
Circuits (maximum)
20
Circuits Detail
2 Power, 8 Signal, 2 Power, 8 Signal
Color - Resin
Black
Durability (mating cycles max)
250
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
N/A
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.126 In
PC Tail Length (mm)
3.19 mm
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.508 In
Pitch - Mating Interface (mm)
12.90 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A, 40A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
250
Material Info
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45911Series
Mates With
1.58mm (.062") double sided card edge


Similar Part No. - 0459110042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459110042 MOLEX1-0459110042_17 Datasheet
48Kb / 2P
   EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4Segments Thick PC Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com