Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-48203-001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-48203-001
Description  High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, Full 15 Circuits, 2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-48203-001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-48203-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-48203-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-48203-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
1A
Grounding to Panel
Press-Fit
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
300V DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-48203-001
Sales Drawing
SD-48203-001
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-48203-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-48203-001 MOLEX6-SD-48203-001 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
SD-48203-001 MOLEX6-SD-48203-001 Datasheet
140Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, Full 15 Circuits
More results

Similar Description - SD-48203-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0482036043 MOLEX6-0482036043 Datasheet
140Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, Full 15 Circuits
0482036746 MOLEX6-0482036746 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036066 MOLEX6-0482036066 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036073 MOLEX6-0482036073 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036062 MOLEX6-0482036062 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036042 MOLEX6-0482036042 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036342 MOLEX6-0482036342 Datasheet
150Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036763 MOLEX6-0482036763 Datasheet
139Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036766 MOLEX6-0482036766 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036743 MOLEX6-0482036743 Datasheet
139Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com