Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0467430200 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0467430200
Description  1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 65 Circuits, 8.00mm (.314") Unmated Height
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0467430200 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0467430200 Datasheet HTML 1Page - Molex Electronics Ltd. 0467430200 Datasheet HTML 2Page - Molex Electronics Ltd. 0467430200 Datasheet HTML 3Page - Molex Electronics Ltd. 0467430200 Datasheet HTML 4Page - Molex Electronics Ltd. 0467430200 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - 0467430200

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0467400000 WEIDMULLER-0467400000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0467460000 WEIDMULLER-0467460000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0467480000 WEIDMULLER-0467480000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com