Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-44067-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-44067-001
Description  3.00mm (.118") Pitch Micro-Fit 3.0 Wire-to-Board Header, Dual Row, Vertical for up to 3.56mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44067-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-44067-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44067-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44067-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0440670602
Status:
Active
Overview:
microfit_30
Description:
3.00mm (.118") Pitch Micro-Fit 3.0™ Wire-to-Board Header, Dual Row, Vertical for up
to 3.56mm (.140") Thick PCB, 6 Circuits, 0.38µm (15µ") Gold (Au) Selective Plating
Documents:
3D Model
Product Specification PS-43045 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
44067
Application
Wire-to-Board
Comments
High Temperature, Polarization Key to PCB
Overview
microfit_30
Product Name
Micro-Fit 3.0™
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.158 In
PC Tail Length (mm)
4.01 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.140 In
PCB Thickness Recommended (mm)
3.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Pitch - Term. Interface (in)
0.118 In
Pitch - Term. Interface (mm)
3.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.375
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Kinked Pin
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44067Series
Mates With
43025 Micro-Fit™ Header


Similar Part No. - SD-44067-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-44067-001 MOLEX6-SD-44067-001 Datasheet
216Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Wire-to-Board Header
SD-44067-001 MOLEX6-SD-44067-001 Datasheet
216Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Wire-to-Board Header
SD-44067-001 MOLEX6-SD-44067-001 Datasheet
216Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Wire-to-Board Header, Dual Row, Vertical for up to 3.56mm (.140")
SD-44067-001 MOLEX6-SD-44067-001 Datasheet
216Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Wire-to-Board Header, Dual Row, Vertical for up to 3.56mm (.140")
SD-44067-001 MOLEX6-SD-44067-001 Datasheet
216Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Wire-to-Board Header, Dual Row, Vertical for up to 3.56mm (.140") Thick PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com