Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67171-2001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 67171-2001
Description  Universal Serial Bus, Shielded I/O, Type B Receptacle, Vertical, 4 Circuits, 0.76關m(30關") Gold (Au), Color Black, Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

67171-2001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  67171-2001 Datasheet HTML 1Page - Molex Electronics Ltd. 67171-2001 Datasheet HTML 2Page - Molex Electronics Ltd. 67171-2001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0671712001
Status:
Obsolete
Overview:
usb
Description:
Universal Serial Bus, Shielded I/O, Type B Receptacle, Vertical, 4 Circuits, 0.76µm
(30µ") Gold (Au), Color Black, Lead Free
Documents:
Drawing (PDF)
General
Product Family
I/O Connectors
Series
67171
Application
Wire-to-Board
Comments
Single
Component Type
Receptacle
Overview
usb
Product Name
USB
Type
B
Physical
Boot Color
N/A
Circuits (Loaded)
4
Circuits (maximum)
4
Gender
Female
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.110 In
PC Tail Length (mm)
2.80 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Pitch - Term. Interface (in)
0.098 In
Pitch - Term. Interface (mm)
2.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.30
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
0°C to +50°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
1.5A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67171Series
Mates With
USB Type B Plug, 88732 Cable Assembly


Similar Part No. - 67171-2001

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6717 POMONA-6717 Datasheet
42Kb / 1P
   Dual Output, 50 Ohm BNC Circuit Board Mount, White Valox Case
logo
List of Unclassifed Man...
6717 ETC2-6717 Datasheet
69Kb / 2P
   0.011 Wall, Nom. Modified Polyphenilether
logo
Alpha Wire
6717 ALPHAWIRE-6717 Datasheet
70Kb / 3P
   Customer Specification
6717 ALPHAWIRE-6717 Datasheet
98Kb / 4P
   Customer Specification
2/20/2023
logo
Bourns Electronic Solut...
6717-RC BOURNS-6717-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com