Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

58462-0010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 58462-0010
Description  HMC??Rectangular Industrial Hood, Single-Module Type, Vertical, Large, ExternalThread, 52 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

58462-0010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  58462-0010 Datasheet HTML 1Page - Molex Electronics Ltd. 58462-0010 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0584620010
Status:
Active
Description:
HMC™ Rectangular Industrial Hood, Single-Module Type, Vertical, Large, External
Thread, 52 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-54478-001 (PDF)
Agency Certification
TUV
R72081037
UL
E29179
General
Product Family
I/O Connectors
Series
58462
Application
Panel-Mount, Wire-to-Wire
Component Type
Hood
Product Name
HMC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Durability (mating cycles max)
50
Flammability
94V-0
Gender
N/A
Lock to Mating Part
Yes
Material - Plating Mating
n/a
Orientation
Vertical
Packaging Type
Bag
Panel Mount
N/A
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
N/A
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +125°C
Termination Interface: Style
N/A
Waterproof / Dustproof
Yes
Waterproof / Dustproof Type
IP65
Electrical
Current - Maximum per Contact
35A
Shielded
No
Material Info
Reference - Drawing Numbers
Product Specification
PS-54478-001
Sales Drawing
SD-58462-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
58462Series
Mates With
58783-0010 panel-mount bracket
Use With
58550 end bell cap assembly, 58782-0010
hood bracket
This document was generated on 04/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 58462-0010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
584620011 MOLEX7-584620011 Datasheet
114Kb / 2P
   HMC??Rectangular Industrial Plug Hood, Single-Module Type, Vertical, SmallExternal Thread, 12 and 40 Circuits
More results

Similar Description - 58462-0010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0553475215 MOLEX7-0553475215 Datasheet
121Kb / 3P
   HMC??Rectangular Industrial Male Housing, Single-Module Type, 52 Circuits
0544785215 MOLEX7-0544785215 Datasheet
121Kb / 3P
   HMC??Rectangular Industrial Female Housing, Single-Module Type, 52 Circuits
0587230010 MOLEX7-0587230010 Datasheet
139Kb / 2P
   HMC??Rectangular Industrial Hood, Multi-Module Type, Vertical, External Thread48-72 Circuits
0584620011 MOLEX7-0584620011 Datasheet
114Kb / 2P
   HMC??Rectangular Industrial Plug Hood, Single-Module Type, Vertical, SmallExternal Thread, 12 and 40 Circuits
0587820010 MOLEX7-0587820010 Datasheet
214Kb / 4P
   HMC??Rectangular Industrial Plug Shell Assembly, Single Module Type, For LargePlug Cover, 52 Circuits
0586870020 MOLEX7-0586870020 Datasheet
133Kb / 3P
   HMC??Rectangular Industrial Hood Bracket, Multi-Module Type, 36 Circuits, Type BPolarization
0586960010 MOLEX7-0586960010 Datasheet
193Kb / 3P
   HMC??Rectangular Industrial Hood, Multi-Module Type, Vertical, External Thread, 36Circuits
0586961010 MOLEX7-0586961010 Datasheet
198Kb / 3P
   HMC??Rectangular Industrial Hood, Multi-Module Type, Right-Angle, External Thread36 Circuits
0586870010 MOLEX7-0586870010 Datasheet
133Kb / 3P
   HMC??Rectangular Industrial Hood Bracket, Multi-Module Type, 36 Circuits, Type A Polarization
0553481215 MOLEX7-0553481215 Datasheet
108Kb / 3P
   HMC??Rectangular Industrial Male Housing, Single-Module Type, 12 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com