Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0559591830 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0559591830
Description  2.00mm (.079") Pitch MicroClasp??Wire-to-Board Header, Dual Row, Right Angle, 18Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0559591830 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0559591830 Datasheet HTML 1Page - Molex Electronics Ltd. 0559591830 Datasheet HTML 2Page - Molex Electronics Ltd. 0559591830 Datasheet HTML 3Page - Molex Electronics Ltd. 0559591830 Datasheet HTML 4Page - Molex Electronics Ltd. 0559591830 Datasheet HTML 5Page - Molex Electronics Ltd. 0559591830 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0559591830
Status:
Active
Overview:
microclasp
Description:
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board Header, Dual Row, Right Angle, 18
Circuits
Documents:
3D Model
Product Specification PS-51353-010 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51353-003 (PDF)
General
Product Family
PCB Headers
Series
55959
Application
Wire-to-Board
MolexKits
Yes
Overview
microclasp
Product Name
MicroClasp™
Physical
Breakaway
No
Circuits (Loaded)
18
Circuits (maximum)
18
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.126 In
PC Tail Length (mm)
3.20 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.045 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55959Series
Mates With
51353 MicroClasp™ Wire-to-Board
Receptacle Housing


Similar Part No. - 0559591830

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0559591030 MOLEX7-0559591030 Datasheet
320Kb / 6P
   2.00mm (.079") Pitch MicroClasp??Wire-to-Board Header, Dual Row, Right Angle, 10Circuits
0559591230 MOLEX7-0559591230 Datasheet
320Kb / 6P
   2.00mm (.079") Pitch MicroClasp??Wire-to-Board Header, Dual Row, Right Angle, 12Circuits
0559591430 MOLEX7-0559591430 Datasheet
320Kb / 6P
   2.00mm (.079") Pitch MicroClasp??Wire-to-Board Header, Dual Row, Right Angle, 14Circuits
0559591630 MOLEX7-0559591630 Datasheet
320Kb / 6P
   2.00mm (.079") Pitch MicroClasp??Wire-to-Board Header, Dual Row, Right Angle, 16 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com