Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52271-1579 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 52271-1579
Description  1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 15 Circuits, Lead-free, High Barrier Packaging
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52271-1579 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  52271-1579 Datasheet HTML 1Page - Molex Electronics Ltd. 52271-1579 Datasheet HTML 2Page - Molex Electronics Ltd. 52271-1579 Datasheet HTML 3Page - Molex Electronics Ltd. 52271-1579 Datasheet HTML 4Page - Molex Electronics Ltd. 52271-1579 Datasheet HTML 5Page - Molex Electronics Ltd. 52271-1579 Datasheet HTML 6Page - Molex Electronics Ltd. 52271-1579 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0522711579
Status:
Active
Overview:
Description:
1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact
Style, 15 Circuits, Lead-free, High Barrier Packaging
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
52271
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
15
Color - Resin
Natural
Contact Position
Bottom
Durability (mating cycles max)
30
Entry Angle
90° Angle
Flammability
94V-0
Mated Height (in)
0.118 In
Mated Height (mm)
3.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin-Bismuth
Material - Plating Termination
Tin-Bismuth
Material - Resin
Nylon
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-52271-001
Packaging Specification
SPK-52271-001, SPK-52271-002
Product Specification
PS-52271-053, RPS-52271-066, RPS-52271-067,
RPS-52271-069, RPS-52271-070, RPS-52271-072,
RPS-52271-073, RPS-52271-075, RPS-52271-080,
RPS-52271-085, RPS-52271-087, RPS-52271-091
Sales Drawing
SD-52271-036, SD-52271-037
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52271Series


Similar Part No. - 52271-1579

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52271-1569 MOLEX7-52271-1569 Datasheet
478Kb / 8P
   1.00mm (.039") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 15 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com