Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

643231319 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 643231319
Description  1.5mm (.059") CMC CP Female Terminal, Tin plated; Selective 1.27關m Gold in Contact Area, for Tab Dimensions 1.5mm x 0.8mm, Wire Size 0.5mm짼 - 1.0mm짼
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

643231319 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  643231319 Datasheet HTML 1Page - Molex Electronics Ltd. 643231319 Datasheet HTML 2Page - Molex Electronics Ltd. 643231319 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 643231319

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64323-1039 MOLEX11-64323-1039 Datasheet
74Kb / 2P
   1.50mm CMC CP Female Terminal
logo
Wurth Elektronik GmbH &...
643230100404 WURTH-643230100404 Datasheet
658Kb / 7P
   WR-CIRC M12 Screw - Coding A - Panel PCB
001.003
643230100405 WURTH-643230100405 Datasheet
592Kb / 6P
   WR-CIRC M12 Screw - Coding A - Panel PCB
001.001
643230100408 WURTH-643230100408 Datasheet
594Kb / 6P
   WR-CIRC M12 Screw - Coding A - Panel PCB
001.001
logo
Tyco Electronics
643234-1 MACOM-643234-1 Datasheet
58Kb / 1P
   SOCKET HEADER ASSEMBLY, RIGHT ANGLE MOUNT, 6 POSITION, UNIVERSAL MATE-N-LOK(TM)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com