Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54550-1771 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 54550-1771
Description  0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT, ZIF, Top Contact Style, 17 Circuits, Gold (Au) Contact Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54550-1771 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  54550-1771 Datasheet HTML 1Page - Molex Electronics Ltd. 54550-1771 Datasheet HTML 2Page - Molex Electronics Ltd. 54550-1771 Datasheet HTML 3Page - Molex Electronics Ltd. 54550-1771 Datasheet HTML 4Page - Molex Electronics Ltd. 54550-1771 Datasheet HTML 5Page - Molex Electronics Ltd. 54550-1771 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Similar Part No. - 54550-1771

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54550-1071 MOLEX7-54550-1071 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT ZIF, Top Contact Style, 10 Circuits, Gold (Au) Contact Plating
logo
MolexKits
54550-1094 MOLEXKITS-54550-1094 Datasheet
39Kb / 3P
   Ultra Low Profile SMT ZIF Right Angle Receptacle and Premo-Flex Cable
logo
Molex Electronics Ltd.
54550-1171 MOLEX7-54550-1171 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT, ZIF, Top Contact Style, 11 Circuits, Gold (Au) Contact Plating
54550-1271 MOLEX7-54550-1271 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMTZIF, Top Contact Style, 12 Circuits, Gold (Au) Contact Plating
54550-1371 MOLEX7-54550-1371 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Top Contact Style, 13 Circuits, Gold (Au) Contact Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com