Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0561878000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0561878000
Description  3.30mm (.130") Pitch Crimp Terminal 56187, Female, 18-20 AWG, Reel, for51284/51347 Housings
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0561878000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0561878000 Datasheet HTML 1Page - Molex Electronics Ltd. 0561878000 Datasheet HTML 2Page - Molex Electronics Ltd. 0561878000 Datasheet HTML 3Page - Molex Electronics Ltd. 0561878000 Datasheet HTML 4Page - Molex Electronics Ltd. 0561878000 Datasheet HTML 5Page - Molex Electronics Ltd. 0561878000 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0561878000
Status:
Active
Description:
3.30mm (.130") Pitch Crimp Terminal 56187, Female, 18-20 AWG, Reel, for
51284/51347 Housings
Documents:
3D Model
Product Specification PS-51284-002 (PDF)
Drawing (PDF)
Product Specification PS-51347-001 (PDF)
Product Specification PS-51284-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
56187
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.60mm (.102") max.
Wire Size AWG
18, 20
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-51284-001, PS-51284-002, PS-51347-001,
RPS-51284-003, RPS-51284-004, RPS-51284-005,
RPS-51284-006, RPS-51284-007, RPS-51284-008,
RPS-51284-009, RPS-51284-010, RPS-51284-011,
RPS-51347-002, RPS-51347-003, RPS-51347-004,
RPS-51347-005, RPS-51347-006
Sales Drawing
SD-501328-001, SD-501329-001, SD-501395-001,
SD-56187-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
56187Series
Mates With
56265 , 56279
Use With
51284 , 51347
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
0638132700
Japan
Description
Product #
Applicator for M211A
Bench Press,
18-26 AWG, for
0574113000


Similar Part No. - 0561878000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0561888000 MOLEX7-0561888000 Datasheet
101Kb / 3P
   3.30mm (.130") Pitch Crimp Terminal 56188, Female, 22-26 AWG, Reel, for51284/51347 Housings
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com