Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50641-8141 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 50641-8141
Description  PanelMate??Crimp Terminal 50641, 28-30 AWG, Bag Gold (Au)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

50641-8141 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  50641-8141 Datasheet HTML 1Page - Molex Electronics Ltd. 50641-8141 Datasheet HTML 2Page - Molex Electronics Ltd. 50641-8141 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 50641-8141

ManufacturerPart #DatasheetDescription
logo
MolexKits
50641-8141 MOLEXKITS-50641-8141 Datasheet
43Kb / 5P
   Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
50641-8141 MOLEXKITS-50641-8141 Datasheet
39Kb / 3P
   Ultra Low Profile SMT Right Angle Header and Receptacle
50641-8141 MOLEXKITS-50641-8141 Datasheet
24Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
50641-8141 MOLEX-50641-8141 Datasheet
80Kb / 1P
   1.25 W/B CONN CRIMP RECEPTACLE
50641-8141 MOLEX-50641-8141_06 Datasheet
80Kb / 1P
   1.25 W/B CONN CRIMP RECEPTACLE
More results

Similar Description - 50641-8141

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0506418041 MOLEX7-0506418041 Datasheet
89Kb / 3P
   PanelMate??Crimp Receptacle Terminal, 28-30 AWG, Reel Gold (Au)
0016020098 MOLEX2-0016020098 Datasheet
96Kb / 2P
   SL??Crimp Terminal 70058, 24-30 AWG, Bag Selective Gold (Au)
0016020097 MOLEX2-0016020097 Datasheet
96Kb / 2P
   SL??Crimp Terminal 70058, 24-30 AWG, Bag Selective Gold (Au)
0008650814 MOLEX1-0008650814 Datasheet
196Kb / 3P
   KK짰 Crimp Terminal 6459, 22-30 AWG, Bag, Phosphor Bronze Gold (Au)
0008550111 MOLEX1-0008550111_17 Datasheet
48Kb / 1P
   KK 254 Crimp Terminal 4809, 22-30 AWG, Selective Gold (Au), Bag
0008560115 MOLEX1-0008560115_17 Datasheet
48Kb / 1P
   KK 254 Crimp Terminal 4809, 22-30 AWG, Selective Gold (Au), Bag
0901192121 MOLEX1-0901192121_17 Datasheet
42Kb / 1P
   C-Grid III Crimp Terminal, 26-28 AWG, Bag, 0.38m Selective Gold (Au)
0008650816 MOLEX1-0008650816 Datasheet
196Kb / 3P
   KK짰 Crimp Terminal 6459, 22-30 AWG, Bag, Phosphor Bronze Selective Gold (Au)
0008560110 MOLEX1-0008560110 Datasheet
184Kb / 3P
   KK짰 Crimp Terminal, 22-30 AWG, Bag, Gold (Au), Nickel (Ni) Under Plating
0008550111 MOLEX1-0008550111 Datasheet
173Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Bag Selective Gold (Au)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com