Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67492-1224 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 67492-1224
Description  1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 6.74mm (.265"), Gold (Au) Flash, Tape on Reel Packaging, 22 Circuits, Lead Free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

67492-1224 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  67492-1224 Datasheet HTML 1Page - Molex Electronics Ltd. 67492-1224 Datasheet HTML 2Page - Molex Electronics Ltd. 67492-1224 Datasheet HTML 3Page - Molex Electronics Ltd. 67492-1224 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
255
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-67492-002
Product Specification
PS-67492-001
Sales Drawing
SD-67492-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 67492-1224

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67492-1220 MOLEX7-67492-1220 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), Gold (Au) Flash, Embossed Tape on Reel Packaging, 22 CircuitsLead Free
67492-1221 MOLEX7-67492-1221 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), 0.76關m (30關") Gold (Au) Plating, Embossed Tape on Reel Packaging22 Circuits, Tape on Reel Packaging, Lead Free
67492-1222 MOLEX7-67492-1222 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), 0.38關m (15關") Gold (Au) Plating, Embossed Tape on Reel Packaging22 Circuits, Lead Free,
67492-1225 MOLEX7-67492-1225 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), 0.76關m (30關") Gold (Au) Plating, Tape on Reel Packaging, 22 Circuits,Lead Free
67492-1226 MOLEX7-67492-1226 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 6.74mm (.265"), 0.38關m (15關") Gold (Au) Plating, Tape on Reel Packaging, 22 CircuitsnLead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com