Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54102-0504 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 54102-0504
Description  0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 50 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54102-0504 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54102-0504 Datasheet HTML 1Page - Molex Electronics Ltd. 54102-0504 Datasheet HTML 2Page - Molex Electronics Ltd. 54102-0504 Datasheet HTML 3Page - Molex Electronics Ltd. 54102-0504 Datasheet HTML 4Page - Molex Electronics Ltd. 54102-0504 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0541020504
Status:
Active
Description:
0.50mm (.020") Pitch SlimStack™ Receptacle, Surface Mount, Dual Row, Vertical,
2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 50 Circuits
Documents:
3D Model
Product Specification PS-54102-011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
54102
Application
Board-to-Board
Product Name
SlimStack™
Physical
Circuits (Loaded)
50
Color - Resin
Black
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Mated Height (in)
0.098 In
Mated Height (mm)
2.50 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Polarized to Mating Part
No
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Product Specification
PS-54102-011, RPS-54102-013, RPS-54102-015
Sales Drawing
SD-54102-006, SD-54102-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54102Series
Mates With
53885 PCB Header
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 54102-0504

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54102-0164 MOLEX7-54102-0164 Datasheet
339Kb / 5P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical,2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 16 Circuits
54102-0204 MOLEX7-54102-0204 Datasheet
339Kb / 5P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 20 Circuits
54102-0304 MOLEX7-54102-0304 Datasheet
339Kb / 5P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 30 Circuits
54102-0404 MOLEX7-54102-0404 Datasheet
339Kb / 5P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical,2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 40 Circuits
54102-0604 MOLEX7-54102-0604 Datasheet
339Kb / 6P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical2.50mm (.098") Stacking Height, Gold Plating with Nickel Barrier, 60 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com