Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52991-0808 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 52991-0808
Description  0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00 and 4.00mm (.118 and .157") Stacking Heights, Lower Circuit Size Version, White, 80Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52991-0808 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  52991-0808 Datasheet HTML 1Page - Molex Electronics Ltd. 52991-0808 Datasheet HTML 2Page - Molex Electronics Ltd. 52991-0808 Datasheet HTML 3Page - Molex Electronics Ltd. 52991-0808 Datasheet HTML 4Page - Molex Electronics Ltd. 52991-0808 Datasheet HTML 5Page - Molex Electronics Ltd. 52991-0808 Datasheet HTML 6Page - Molex Electronics Ltd. 52991-0808 Datasheet HTML 7Page - Molex Electronics Ltd. 52991-0808 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image


Similar Part No. - 52991-0808

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52991-0208 MOLEX7-52991-0208 Datasheet
407Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00and 4.00mm (.118 and .157") Stacking Heights, Lower Circuit Size Version, White, 20Circuits
52991-0308 MOLEX7-52991-0308 Datasheet
407Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00and 4.00mm (.118 and .157") Stacking Heights, Lower Circuit Size Version, White, 30Circuits
52991-0408 MOLEX7-52991-0408 Datasheet
407Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00and 4.00mm (.118 and .157") Stacking Heights, Lower Circuit Size Version, White, 40Circuits
52991-0508 MOLEX7-52991-0508 Datasheet
407Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00and 4.00mm (.118 and .157") Stacking Heights, Lower Circuit Size Version, White, 50Circuits
52991-0608 MOLEX7-52991-0608 Datasheet
407Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00and 4.00mm (.118 and .157") Stacking Heights, Lower Circuit Size Version, White, 60Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com