Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51338-2274 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 51338-2274
Description  0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, Dual Row, Vertical Stacking, 1.50mm (.059") Stacking Height, with Space Saving J-Bend Leads, 22 Circuits, Lead-free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51338-2274 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  51338-2274 Datasheet HTML 1Page - Molex Electronics Ltd. 51338-2274 Datasheet HTML 2Page - Molex Electronics Ltd. 51338-2274 Datasheet HTML 3Page - Molex Electronics Ltd. 51338-2274 Datasheet HTML 4Page - Molex Electronics Ltd. 51338-2274 Datasheet HTML 5Page - Molex Electronics Ltd. 51338-2274 Datasheet HTML 6Page - Molex Electronics Ltd. 51338-2274 Datasheet HTML 7Page - Molex Electronics Ltd. 51338-2274 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image


Similar Part No. - 51338-2274

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51338-2474 MOLEX7-51338-2474 Datasheet
520Kb / 8P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 1.50mm (.059") Stacking Height, with Space Saving J-BendLeads, 24 Circuits, Lead-free
51338-2674 MOLEX7-51338-2674 Datasheet
520Kb / 8P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 1.50mm (.059") Stacking Height, with Space Saving J-BendLeads, 26 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com