Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0563822000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0563822000
Description  CRC??Shielded Rectangular I/O Cable Clamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0563822000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0563822000 Datasheet HTML 1Page - Molex Electronics Ltd. 0563822000 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0563822000
Status:
Active
Description:
CRC™ Shielded Rectangular I/O Cable Clamp
Documents:
3D Model
Product Specification PS-51238-010 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
56382
Application
N/A
Component Type
Cable Clamp
Product Name
CRC™
Type
N/A
Physical
Circuits (Loaded)
N/A
Lock to Mating Part
Yes
Material - Plating Mating
n/a
Orientation
Vertical
Packaging Type
Bag
Panel Mount
N/A
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Polarized to Mating Part
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
N/A
Electrical
Current - Maximum per Contact
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-51238-010
Sales Drawing
SD-56382-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
56382Series
Use With
56381 and 56385 shell cover, 58203 cross
recessed head screw
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0563822000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0563821200 MOLEX7-0563821200 Datasheet
89Kb / 2P
   CRC??Shielded Rectangular I/O Cable Clamp
0563823000 MOLEX7-0563823000 Datasheet
89Kb / 2P
   CRC??Shielded Rectangular I/O Cable Clamp
More results

Similar Description - 0563822000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0563823000 MOLEX7-0563823000 Datasheet
89Kb / 2P
   CRC??Shielded Rectangular I/O Cable Clamp
0595895000 MOLEX7-0595895000 Datasheet
97Kb / 2P
   CRC??Shielded Rectangular I/O Cable Clamp
0563821200 MOLEX7-0563821200 Datasheet
89Kb / 2P
   CRC??Shielded Rectangular I/O Cable Clamp
0561949028 MOLEX7-0561949028 Datasheet
124Kb / 3P
   CRC??Shielded Rectangular I/O Female Terminal, Power, Chain
0561949128 MOLEX7-0561949128 Datasheet
125Kb / 3P
   CRC??Shielded Rectangular I/O Receptacle Terminal, Power, Lead-free, Loose
0561178228 MOLEX7-0561178228 Datasheet
112Kb / 3P
   CRC??Shielded Rectangular I/O Male Terminal, Signal, Sequential Type, Reel, Leadfree
0561168328 MOLEX7-0561168328 Datasheet
111Kb / 3P
   CRC??Shielded Rectangular I/O Male Terminal, Signal, Sequential Type, Bag, Leadfree
0561178328 MOLEX7-0561178328 Datasheet
112Kb / 3P
   CRC??Shielded Rectangular I/O Male Terminal, Signal, Sequential Type, Bag, Leadfree
0512332011 MOLEX7-0512332011 Datasheet
384Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 20
0561168228 MOLEX7-0561168228 Datasheet
112Kb / 3P
   CRC??Shielded Rectangular I/O Male Terminal, Signal, Sequential Type, Reel, Leadfree
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com