Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51336-1410 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51336-1410
Description  1.25mm (.049") Pitch Mini Mi II??System Wire-to-Board IDT Housing, Single Row, 14Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51336-1410 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51336-1410 Datasheet HTML 1Page - Molex Electronics Ltd. 51336-1410 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0513361410
Status:
Active
Description:
1.25mm (.049") Pitch Mini Mi II™ System Wire-to-Board IDT Housing, Single Row, 14
Circuits
Documents:
3D Model
Product Specification PS-51336-010 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
IDT and Solder Connectors
Series
51336
Crimp Quality Equipment
Yes
Product Name
Mini Mi II™
Physical
Circuits (Loaded)
14
Color - Resin
Natural
Durability (mating cycles max)
30
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Insulation Diameter
0.80-0.90mm (.031-.035")
Wire Size AWG
26, 28
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51336-010, RPS-51336-004, RPS-51336-005,
RPS-51336-006, RPS-51336-009
Sales Drawing
SD-51336-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51336Series
Mates With
55447 Vertical Header, 55454 Right Angle
Header
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51336-1410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51336-1010 MOLEX7-51336-1010 Datasheet
111Kb / 2P
   1.25mm (.049") Pitch Mini Mi II??System Wire-to-Board IDT Housing, Single Row, 10 Circuits
51336-1110 MOLEX7-51336-1110 Datasheet
111Kb / 2P
   1.25mm (.049") Pitch Mini Mi II??System Wire-to-Board IDT Housing, Single Row, 11Circuits
51336-1210 MOLEX7-51336-1210 Datasheet
111Kb / 2P
   1.25mm (.049") Pitch Mini Mi II??System Wire-to-Board IDT Housing, Single Row, 12Circuits
51336-1310 MOLEX7-51336-1310 Datasheet
111Kb / 2P
   1.25mm (.049") Pitch Mini Mi II??System Wire-to-Board IDT Housing, Single Row, 13Circuits
51336-1510 MOLEX7-51336-1510 Datasheet
111Kb / 2P
   1.25mm (.049") Pitch Mini Mi II??System Wire-to-Board IDT Housing, Single Row, 15Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com