Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67491-0032 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 67491-0032
Description  1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.38關m (15關") Gold (Au) Selective Plating, with 2.05mm (.081") PC TailLength, for 1.60mm (.063") PCB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

67491-0032 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  67491-0032 Datasheet HTML 1Page - Molex Electronics Ltd. 67491-0032 Datasheet HTML 2Page - Molex Electronics Ltd. 67491-0032 Datasheet HTML 3Page - Molex Electronics Ltd. 67491-0032 Datasheet HTML 4Page - Molex Electronics Ltd. 67491-0032 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Current - Maximum per Contact
1.5A
Voltage - Maximum
15V DC
Solder Process Data
Replacement RoHS Compliant Part Number
0674911032
Material Info
Reference - Drawing Numbers
Product Specification
PS-67491-001
Sales Drawing
SD-67491-002
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 67491-0032

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67491-0035 MOLEX7-67491-0035 Datasheet
249Kb / 5P
   1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, Gold (Au) Flash, with 2.35mm (.093") PC Tail Length, for 1.60mm (.063") PCB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com