Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67492-1930 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 67492-1930
Description  1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height3.55mm (.140"), Gold (Au) Flash, with Cap, Embossed Tape on Reel Packaging, 22Circuits, Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

67492-1930 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  67492-1930 Datasheet HTML 1Page - Molex Electronics Ltd. 67492-1930 Datasheet HTML 2Page - Molex Electronics Ltd. 67492-1930 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
1.5A
Voltage - Maximum
15V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
255
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-67492-006
Sales Drawing
SD-67492-010
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 67492-1930

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67492-1931 MOLEX7-67492-1931 Datasheet
150Kb / 3P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height3.55mm (.140"), 0.76關m (30關") Gold (Au) Plating, with Cap, Embossed Tape on ReelPackaging, 22 Circuits, Lead Free
67492-1932 MOLEX7-67492-1932 Datasheet
150Kb / 3P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height3.55mm (.140"), 0.38關m (15關") Gold (Au) Plating, with Cap,Embossed Tape on ReelPackaging, 22 Circuits, Lead Free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com