Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50240-7325 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 50240-7325
Description  Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size 6M3.5), Oxygen-Free Copper, Length 13.90mm (.547")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

50240-7325 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  50240-7325 Datasheet HTML 1Page - Molex Electronics Ltd. 50240-7325 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0502407325
Status:
Active
Description:
Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size 6
(M3.5), Oxygen-Free Copper, Length 13.90mm (.547")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-50240-003 (PDF)
Agency Certification
CSA
LR95446
General
Product Family
Ring and Spade Terminals
Series
50240
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
R (Ring)
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Stud Size
6 (M3.5)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
14, 16
Wire Size mm²
1.04 - 2.63
Material Info
Reference - Drawing Numbers
Product Specification
PS-50240-003
Sales Drawing
SD-50240-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
50240Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Japan
Description
Product #
Hand Crimper For
JIS Terminal
0572575000
Hand Crimper For
JIS Terminal
0573435002
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 50240-7325

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50240-7026 MOLEX7-50240-7026 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size1/2" (M12), Oxygen-Free Copper, Length 26.90mm (1.059")
50240-7225 MOLEX7-50240-7225 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size 5(M3), Oxygen-Free Copper, Length 13.90mm (.547")
50240-7525 MOLEX7-50240-7525 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size 8(M4), Oxygen-Free Copper, Length 16.00mm (.630")
50240-7725 MOLEX7-50240-7725 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size 10(M5), Oxygen-Free Copper, Length 16.50mm (.650")
50240-7825 MOLEX7-50240-7825 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size5/16" (M8), Oxygen-Free Copper, Length 21.70mm (.854")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com