Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14528 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # MC14528
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC14528 Datasheet(HTML) 4 Page - Samsung semiconductor

  MC14528 Datasheet HTML 1Page - Samsung semiconductor MC14528 Datasheet HTML 2Page - Samsung semiconductor MC14528 Datasheet HTML 3Page - Samsung semiconductor MC14528 Datasheet HTML 4Page - Samsung semiconductor MC14528 Datasheet HTML 5Page - Samsung semiconductor MC14528 Datasheet HTML 6Page - Samsung semiconductor MC14528 Datasheet HTML 7Page - Samsung semiconductor MC14528 Datasheet HTML 8Page - Samsung semiconductor MC14528 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
S1D2511B01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
4
PIN DESCRIPTION
Table 1. Pin Description
No
Pin Name
Description
1
H/HVIN
TTL compatible horizontal sync input(Separate or composite)
2
VSYNCIN
TTL compatible vertical sync input (for separated H&V)
3
HLOCKOUT
First PLL lock/unlock output (0V unlocked - 5V locked)
4
PLL2C
Second PLL loop filter
5
C0
Horizontal oscillator capacitor
6
R0
Horizontal oscillator resistor
7
PLL1F
First PLL loop filter
8
HPOSITION
Horizontal position filter(Capacitor to be connected to HGND)
9
HFOCUSCAP
Horizontal dynamic focus oscillator capacitor
10
FOCUSOUT
Mixed horizontal and vertical dynamic focus output
11
HGND
Horizontal Section Ground
12
HFLY
Horizontal Flyback Input (positive polarity)
13
HREF
Horizontal Section Reference Voltage (to be filtered)
14
COMP
B+ error amplifier output for frequency compensation and gain setting
15
REGIN
Regulation input of B+ control loop
16
ISENSE
Sensing of external B+ switching transistor current or switch for step-down converter
17
B+GND
Ground (related to B+ reference adjustment)
18
BREATH
DC breathing input control(Compensation of vertical amplitude against EHV variation)
19
VGND
Vertical section ground
20
VAGCCAP
Memory capacitor for automatic gain control loop in vertical ramp generator
21
VREF
Vertical section reference voltage (to be filtered)
22
VCAP
Vertical sawtooth generator capacitor
23
VOUT
Vertical ramp output (with frequency independant amplitude and S or C corrections if any).
It is mixed with vertical position voltage and vertical moire.
24
EWOUT
Pincushion-East/West correction parabola output
25
XRAY
X-RAY protection input (with internal latch function)
26
HOUT
Horizontal drive output (internal transistor, open collector)
27
GND
General ground (referenced to Vcc)
28
BOUT
B+ PWM regulator output
29
Vcc
Supply voltage (12V typ)
30
SCL
I2C clock input
31
SDA
I2C data input
32
5V
Supply voltage (5V typ)


Similar Part No. - MC14528

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14528 ONSEMI-MC14528 Datasheet
210Kb / 12P
   Dual Monostable Multivibrator
March, 2000 ??Rev. 3
MC14528B ONSEMI-MC14528B Datasheet
210Kb / 12P
   Dual Monostable Multivibrator
March, 2000 ??Rev. 3
MC14528B ONSEMI-MC14528B Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
MC14528B ONSEMI-MC14528B Datasheet
129Kb / 8P
   Dual Monostable Multivibrato
July, 2014 ??Rev. 9
MC14528BCP ONSEMI-MC14528BCP Datasheet
210Kb / 12P
   Dual Monostable Multivibrator
March, 2000 ??Rev. 3
More results

Similar Description - MC14528

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com