Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1T8528X0 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # S1T8528X0
Description  ENHANCED-1 CHIP CT0 RF IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8528X0 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button S1T8528X0 Datasheet HTML 5Page - Samsung semiconductor S1T8528X0 Datasheet HTML 6Page - Samsung semiconductor S1T8528X0 Datasheet HTML 7Page - Samsung semiconductor S1T8528X0 Datasheet HTML 8Page - Samsung semiconductor S1T8528X0 Datasheet HTML 9Page - Samsung semiconductor S1T8528X0 Datasheet HTML 10Page - Samsung semiconductor S1T8528X0 Datasheet HTML 11Page - Samsung semiconductor S1T8528X0 Datasheet HTML 12Page - Samsung semiconductor S1T8528X0 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ENHANCED-1 CHIP CT0 RF IC
S1T8528
9
Second Mixer input
Impedance
RI(2M)
Fc = 10.7MHz
4
k
Second Mixer output
Impedance
Ro(2M)
Fc = 455kHz
1.5
k
Carrier Detector Threshold
CDTH
MIX1 Single-Ended
Matching,
Default Threshold=1010
−95
dBm
Low Battery Detector
LBD
LBD0 ~ LBD3 = 0 ( Default )
Only LBD2
= 0
Only LBD1
= 0
Only LBD3
= 0
LBD0 ~ LBD3 = 1
− 0.15
3.45
3.3
3.0
0.1
V
−0.1
2.2
2.1
0.075
RSSI Slope
VRSSI
MIX1 Single-Ended
Matching
30
mV/dB
RSSI Output Voltage
Dynamic Range
RSSI
MIX1 Single-Ended
Matching
60
dB
Carrier Detect
Output High Voltage
VOH
RFin = 1
µVrms
Default Threshold = 1010
Vcc-0.4
V
Carrier Detect
Output Low Voltage
VOL
RFin = 10
µVrms
Default Threshold = 1010
0.4
V
COMPRESSOR
( Vcc = 3.6V, fc = 1kHz, Ta = 25°C, unless otherwise specified )
Standard Output Voltage
Vo(com)
Vinc = 63.2mVrms
→ 0dB
ALC disabled (pin 13)
269
316
363
mVrms
Compressor Gain
Difference
∆G
V1(COM)
Vinc =
−20dB
−10
0
1.0
dB
∆G
V2(COM)
Vinc =
−40dB
−1.5
0
1.5
dB
Compressor Output
Distortion
THDCOM
Vinc = 63.2mVrms
→ 0dB
0.5
1.0
%
Mute Attenuation Ratio
ATTMUTE
Vinc = 0dB
60
80
dB
Compressor Limiting Voltage
VLIM(COM)
Vinc = Variable
1.05
1.35
1.65
Vp-p
ALC
VALC
RALC = 150kΩ, Vinc = 10dB
310
390
450
mVrms
Splatter filter
Vo(SF)
VINC = 63.2mVrms → 0 dB
269
316
363
mVrms
Maximum Output Voltage
VOMIC(MAX)
RL = 10K
2.8
Vp-p
EXPANDER
(Vcc = 3.6V, fc = 1kHz, Ta = 25°C, unless otherwise specified)
Standard Output Voltage
V O(EXP)
VinE = 63.2mVrms → 0dB
309
356
403
mVrms
ELECTRICAL CHARACTERISTICS (Continued)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - S1T8528X0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8527C SAMSUNG-S1T8527C Datasheet
185Kb / 20P
   1 CHIP CLP SUBSYSTEM IC
S1T8527C01-Q0R0 SAMSUNG-S1T8527C01-Q0R0 Datasheet
185Kb / 20P
   1 CHIP CLP SUBSYSTEM IC
More results

Similar Description - S1T8528X0

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25300M_0711 SANYO-LV25300M_0711 Datasheet
69Kb / 4P
   1-chip Tuner IC
LV25300M SANYO-LV25300M_10 Datasheet
69Kb / 4P
   1-chip Tuner IC
logo
ON Semiconductor
LV23401V ONSEMI-LV23401V Datasheet
279Kb / 24P
   1-chip Tuner IC
May, 2013
logo
Sanyo Semicon Device
LV25300M SANYO-LV25300M Datasheet
68Kb / 4P
   Bi-CMOS IC 1-chip Tuner IC
logo
Samsung semiconductor
KB8527B SAMSUNG-KB8527B Datasheet
150Kb / 21P
   1 CHIP CLP SUBSYSTEM IC
S1T8527C SAMSUNG-S1T8527C Datasheet
185Kb / 20P
   1 CHIP CLP SUBSYSTEM IC
logo
Princeton Technology Co...
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
   Enhanced Digital Echo IC
logo
List of Unclassifed Man...
AXP152 ETC2-AXP152 Datasheet
792Kb / 34P
   Enhanced Power Supply IC
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
California Eastern Labs
UPG2253T6S CEL-UPG2253T6S Datasheet
557Kb / 11P
   RF FRONT-END IC FOR BluetoothTM CLASS 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com